Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFA633-RDI-KU Datasheet(PDF) 62 Page - Crystalfontz America, Inc.

Part # CFA633-RDI-KU
Description  INTELLIGENT LCD MODULE
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFA633-RDI-KU Datasheet(HTML) 62 Page - Crystalfontz America, Inc.

Back Button CFA633-RDI-KU Datasheet HTML 58Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 59Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 60Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 61Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 62Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 63Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 64Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 65Page - Crystalfontz America, Inc. CFA633-RDI-KU Datasheet HTML 66Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
Crystalfontz America, Inc.
Data Sheet Release Date 2012/02/21
www.crystalfontz.com
CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1)
February 2012
Page 62
CARE AND HANDLING PRECAUTIONS
For optimum operation of the CFA633-RDI-KU and to prolong its life, please follow the precautions described below.
ESD (ELECTROSTATIC DISCHARGE)
The circuitry is industry standard CMOS logic and susceptible to ESD damage. Please use industry standard anti-
static precautions as you would for any other static sensitive devices such as expansion cards, motherboards, or
integrated circuits. Ground your body, work surfaces, and equipment.
DESIGN AND MOUNTING
The exposed surface of the “glass” is actually a polarizer laminated on top of the glass. To protect the soft plastic
polarizer from damage, the module ships with a protective film over the polarizer. Please peel off the protective
film slowly. Peeling off the protective film abruptly may generate static electricity.
The polarizer is made out of soft plastic and is easily scratched or damaged. When handling the module, avoid
touching the polarizer. Finger oils are difficult to remove.
CFA633-RDI-KU without Crystalfontz overlay: To protect the soft plastic polarizer from damage, place a
transparent plate (for example, acrylic, polycarbonate or glass) in front of the module, leaving a small gap
between the plate and the display surface.
Do not disassemble or modify the module.
Do not modify the six tabs of the metal bezel or make connections to them.
Do not reverse polarity to the power supply connections. Reversing polarity will immediately ruin the module.
AVOID SHOCK, IMPACT, TORQUE, OR TENSION
Do not expose the CFA633-RDI-KU to strong mechanical shock, impact, torque, or tension.
Do not drop, toss, bend, or twist the CFA633-RDI-KU.
Do not place weight or pressure on the CFA633-RDI-KU.
If the LCD panel breaks, be careful to not get the liquid crystal fluid in your mouth or eyes. If the liquid crystal fluid
touches your skin, clothes, or work surface, wash it off immediately using soap and plenty of water.
IF LCD PANEL BREAKS
If the LCD panel breaks, be careful to not get the liquid crystal fluid in your mouth or eyes.
If the liquid crystal fluid touches your skin, clothes, or work surface, wash it off immediately using soap and plenty
of water.
CLEANING
The polarizer (laminated to the glass) is soft plastic. The soft plastic is easily scratched or damaged. Be very
careful when you clean the polarizer.
Do not clean the polarizer with liquids. Do not wipe the polarizer with any type of cloth or swab (for example, Q-
tips).
Use the removable protective film to remove smudges (for example, fingerprints) and any foreign matter. If you
no longer have the protective film, use standard transparent office tape (for example, Scotch® brand “Crystal
Clear Tape”). If the polarizer is dusty, you may carefully blow it off with clean, dry, oil-free compressed air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com