Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9930M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSM9930M
Description  DUAL N-AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSM9930M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSM9930M Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 2Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 3Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 4Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 5Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 6Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 7Page - List of Unclassifed Manufacturers SSM9930M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SSM9930M
10/21/2004 Rev.1.01
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE
POWER MOSFETS
Simple drive requirement
N-CH
BV DSS
30V
Low on-resistance
R DS(ON)
33m
Ω
Full-bridge applications, such as
I D
6.3A
LCD monitor inverter
P-CH
BV DSS
-30V
RDS(ON)
55m
Ω
Description
ID
-5.1A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
30
-30
V
VGS
Gate-Source Voltage
± 25
±25
V
ID @ TA=25°C
Continuous Drain Current
3
6.3
-5.1
A
ID @ TA=70°C
Continuous Drain Current
3
4.2
-3.4
A
IDM
Pulsed Drain Current
1
20
-20
A
PD @ TA=25°C
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Symbol
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
3
Max.
62.5
°C/W
Parameter
Thermal Data
Advanced Power MOSFETs from Silicon Standard provide the
designer with the best combination of fast switching, ruggedized
device design, low on-resistance and cost-effectiveness.
N1G
N1D/P1D
N1S/N2S
N2G
P1G
P1S/P2S
N2D/P2D
P2G
SO-8
N1G
N1S
P1G
P1S
P1N1D
N2G
N2S
P2G
P2S
P2N2D
The SSM9930M is in the SO-8 package, which is widely preferred for
commercial and industrial surface mount applications, and is well suited
for applications such as low-voltage inverters and motor drives.


Similar Part No. - SSM9930M

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results

Similar Description - SSM9930M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
SSM9926M ETC-SSM9926M Datasheet
109Kb / 6P
DUAL N CHANNEL ENHANCEMENT MODE POWER MOSFETS
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4228M SSC-SSM4228M Datasheet
161Kb / 6P
DUAL N-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9926GM SSC-SSM9926GM Datasheet
565Kb / 7P
Dual N-channel Enhancement-mode Power MOSFETs
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM9973GM SSC-SSM9973GM Datasheet
280Kb / 5P
Dual N-channel Enhancement-mode Power MOSFETs
logo
Texas Instruments
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com