Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2822011 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2822011
Description  Relay connectors - ST-REL3-SG 24/21
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2822011 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2822011 Datasheet HTML 1Page - PHOENIX CONTACT 2822011 Datasheet HTML 2Page - PHOENIX CONTACT 2822011 Datasheet HTML 3Page - PHOENIX CONTACT 2822011 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2822011
10/20/2014   Page 1 / 4
Relay connectors - ST-REL3-SG 24/21 - 2822011
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 24
V DC, with light indicator, can be plugged on basic termination blocks
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
48.64 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Dimensions
Width
20.8 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
32 mA
Typical response time
8 ms (with DC)
Typical release time
15 ms (with DC)


Similar Part No. - 2822011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2822024 PHOENIX-2822024 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 60/21
2822037 PHOENIX-2822037 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG110/21
2822040 PHOENIX-2822040 Datasheet
78Kb / 4P
Relay connectors - ST-REL3-SG220/21
2822053 PHOENIX-2822053 Datasheet
75Kb / 4P
Relay connectors - ST-REL3-SW 24/21
2822066 PHOENIX-2822066 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SW 42/21
More results

Similar Description - 2822011

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2821054 PHOENIX-2821054 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-HW 24/21
2822024 PHOENIX-2822024 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SG 60/21
2822053 PHOENIX-2822053 Datasheet
75Kb / 4P
Relay connectors - ST-REL3-SW 24/21
2822079 PHOENIX-2822079 Datasheet
77Kb / 4P
Relay connectors - ST-REL3-SW120/21
2822095 PHOENIX-2822095 Datasheet
75Kb / 4P
Relay connectors - ST-REL3-SG 48/21
2824064 PHOENIX-2824064 Datasheet
59Kb / 3P
Relay connectors - ST-REL3-SG-B 60/21/P
2824255 PHOENIX-2824255 Datasheet
111Kb / 5P
ST-REL3-SG-B 24/21/P
2824459 PHOENIX-2824459 Datasheet
42Kb / 1P
Relay connectors - ST-REL3-SG-B 24/21/SO61
2825403 PHOENIX-2825403 Datasheet
87Kb / 4P
Relay connectors - ST-REL4-SG 24/21-21
2898155 PHOENIX-2898155 Datasheet
110Kb / 5P
ST-REL3-SG-B 24/21/M
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com