Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2822011 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2822011
Description  Relay connectors - ST-REL3-SG 24/21
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2822011 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2822011 Datasheet HTML 1Page - PHOENIX CONTACT 2822011 Datasheet HTML 2Page - PHOENIX CONTACT 2822011 Datasheet HTML 3Page - PHOENIX CONTACT 2822011 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2822011
10/20/2014   Page 2 / 4
Relay connectors - ST-REL3-SG 24/21 - 2822011
Technical data
Coil side
Operating voltage display
Yes
Protective circuit
Damping diode, polarity protection Damping diode, polarity protection
diode
Contact side
Contact type
Single contact, 1-PDT
Contact material
Ag, gold-flashed
Maximum switching voltage
250 V AC/DC
Maximum inrush current
5 A
Limiting continuous current
5 A
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
60 W (at 48 V DC)
50 W (at 60 V DC)
50 W (at 110 V DC)
70 W (at 220 V DC)
500 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
1 kV AC (50 Hz, 1 min.)
Operating mode
100% operating factor
Mechanical service life
Approx. 107 cycles (approx. 106 with AC relay)
Standards/regulations
DIN VDE 0110b, Gr. C for 250 V DC
DIN VDE 0160 (in relevant parts)
Classifications
eCl@ss
eCl@ss 4.0
27371104
eCl@ss 4.1
27371104
eCl@ss 5.0
27371001
eCl@ss 5.1
27371001
eCl@ss 6.0
27371001
eCl@ss 7.0
27371001
eCl@ss 8.0
27371001
ETIM
ETIM 2.0
EC000196
ETIM 3.0
EC000196
ETIM 4.0
EC000196



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com