Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12KP130CA Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

Part # 12KP130CA
Description  12KP Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

12KP130CA Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  12KP130CA Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 12KP130CA Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 12KP130CA Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 12KP130CA Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
12000W > 12KP Series
www.yint.com.cn
Rev:19.31
12KP Series
Features
●
12000W peak pulse power capability at 10/1000μs
waveform, repetition rate (duty cycle): 0.05%
●
Fast response time
●
Typical IR less than 2μA above 30V.
●
High Temperature soldering guaranteed: 265℃/10
seconds/.375″,(9.5mm) lead length, 5lbs (2.3kg) tension
●
Plastic package has underwriters laboratory flammability
94V-0
●
Meets MSL level 1, per J-STD-020.
●
Glass passivated junction
●
Low incremental surge resistance
●
Excellent clamping capability
Mechanical Data
●
Case: Moulded plastic over glass passivated junction
●
Terminal: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
●
Polarity: Color band denotes cathode except bi-directional
models
●
Mounting Position: Any
●
Weight: 2.30g
P600
Maximum Ratings (TA=25℃ unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation at 10/1000μs waveform(Note1, Fig.1)
PPPM
Minimum 12000
Watts
Peak pulse current of at 10/1000μs waveform (Note 1, Fig.3)
IPPM
See Table
Amps
Steady state power dissipation at TL=75℃ (Fig.5)
PM(AV)
8.0
Watts
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load, (JEDEC Method) (Note2, Fig.6)
IFSM
400
Amps
Operating junction and Storage Temperature Range.
TJ,TSTG
-55 to +175
℃
Typical thermal resistance junction to lead
RθJL
8
℃
/W
Typical thermal resistance junction to ambient
RθJA
40
℃
/W
Note:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2.
2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum.
Electrical Characteristics (TA = 25 °C unless otherwise noted)


Similar Part No. - 12KP130CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
12KP20A LUGUANG-12KP20A Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
12KP20CA LUGUANG-12KP20CA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
12KP22A LUGUANG-12KP22A Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
12KP22CA LUGUANG-12KP22CA Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
12KP24A LUGUANG-12KP24A Datasheet
816Kb / 3P
Axial Lead Transient Voltage Suppressors
More results

Similar Description - 12KP130CA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com