Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH2704 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2704
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2704 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2704 Datasheet HTML 1Page - OSRAM GmbH SFH2704 Datasheet HTML 2Page - OSRAM GmbH SFH2704 Datasheet HTML 3Page - OSRAM GmbH SFH2704 Datasheet HTML 4Page - OSRAM GmbH SFH2704 Datasheet HTML 5Page - OSRAM GmbH SFH2704 Datasheet HTML 6Page - OSRAM GmbH SFH2704 Datasheet HTML 7Page - OSRAM GmbH SFH2704 Datasheet HTML 8Page - OSRAM GmbH SFH2704 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SFH 2704
1 Version 0.0 | 2018-09-12
Produktdatenblatt | Version 1.1
www.osram-os.com
SFH 2704
CHIPLED®
Silicon PIN Photodiode
Applications
—
Health Monitoring (Heart Rate Monitoring, Pulse
Oximetry)
Features:
—
Package: clear epoxy
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Suitable for reflow soldering
—
Especially suitable for applications from 400 nm to 1100 nm
—
Small package (LxWxH): 2.0 mm x 1.8 mm x 0.6 mm (WxDxH)
Ordering Information
Type
Photocurrent
Photocurrent
Ordering Code
typ.
E
e = 0.1 mW/cm²; λ = 535 nm
E
e = 0.1 mW/cm²; λ = 535 nm
I
P
I
P
SFH 2704
≥ 0.35 µA
0.51 µA
Q65112A7214


Similar Part No. - SFH2704

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2700 OSRAM-SFH2700 Datasheet
942Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700A01 OSRAM-SFH2700A01 Datasheet
972Kb / 14P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2701 OSRAM-SFH2701 Datasheet
385Kb / 13P
High Speed PIN Photodiode
More results

Similar Description - SFH2704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87427 NSC-PC87427 Datasheet
757Kb / 46P
ServerI/O with SensorPathTM Health Monitoring
logo
Maxim Integrated Produc...
MAX30110 MAXIM-MAX30110 Datasheet
711Kb / 37P
Optimized Pulse-Oximeter and Heart Rate AFE forWearable Health
Rev 0; 6/17
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
SFH7016 OSRAM-SFH7016 Datasheet
991Kb / 20P
?봈ealth Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2703 OSRAM-SFH2703 Datasheet
936Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
SFH2713 OSRAM-SFH2713 Datasheet
937Kb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
logo
Maxim Integrated Produc...
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
logo
Renesas Technology Corp
OB1203 RENESAS-OB1203 Datasheet
1Mb / 72P
Heart Rate, Blood Oxygen Concentration, Pulse Oximetry, Proximity, Light and Color Sensor
July 22, 2022
logo
Richtek Technology Corp...
RT1025 RICHTEK-RT1025 Datasheet
621Kb / 24P
Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com