Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH2704 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH2704
Description  Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2704 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH2704 Datasheet HTML 1Page - OSRAM GmbH SFH2704 Datasheet HTML 2Page - OSRAM GmbH SFH2704 Datasheet HTML 3Page - OSRAM GmbH SFH2704 Datasheet HTML 4Page - OSRAM GmbH SFH2704 Datasheet HTML 5Page - OSRAM GmbH SFH2704 Datasheet HTML 6Page - OSRAM GmbH SFH2704 Datasheet HTML 7Page - OSRAM GmbH SFH2704 Datasheet HTML 8Page - OSRAM GmbH SFH2704 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SFH 2704
4 Version 0.0 | 2018-09-12
400
600
800
1000
λ [ ]
0
20
40
60
80
100
[ ]
Relative Spectral Sensitivity 1), 2)
S
rel = f (λ)
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90°
Φ [ ]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Directional Characteristics 1), 2)
S
rel = f (φ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com