Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61318 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 19Page - Cirrus Logic CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic CS61318 Datasheet HTML 23Page - Cirrus Logic CS61318 Datasheet HTML 24Page - Cirrus Logic CS61318 Datasheet HTML 25Page - Cirrus Logic CS61318 Datasheet HTML 26Page - Cirrus Logic CS61318 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
CS61318
DS441PP2
23
RNEG/RPOS - Receive Negative Pulse, Receive Positive Pulse, Pins 6 and 7.
Recovered data output on RPOS and RNEG is stable and valid on the rising edge of RCLK in Hardware
Mode. In Host Mode, CLKE determines the edge of RCLK on which RPOS and RNEG are valid. A
positive pulse on RTIP with respect to RRING generates a logic 1 on RPOS; a positive pulse on RRING
with respect to RTIP generates a logic 1 on RNEG.
RDATA - Received Data, Pin 7.
Unipolar data (single-line NRZ) data is output on RDATA when pin 4, TNEG/UBS, is held high.
BPV - Bipolar Violation, Pin 6.
When pin 4 is held high, received bipolar violations are flagged by BPV (RNEG) going high along with
the offending bit output from RDATA. If the HDB3 encoder/decoder is activated, BPV will not flag bipolar
violations resulting from valid zero substitutions.
RTIP,RRING - Receive Tip; Receive Ring, Pins 19,20.
The HDB3 signal received from the line is input via these pins. A 1:1 transformer and appropriate
matching resistors are required as shown in the applications section. Data and clock recovered from the
signal input on these pins is output via RPOS, RNEG, and RCLK.
TTIP, TRING - Transmit Tip; Transmit Ring, Pins 13,16
These pins are the output of the differential transmit driver. The transformer and matching resistors can
be chosen to give the desired pulse height (see Application Schematics).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com