Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61318 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS61318
Description  E1 LINE INTERFACE UNIT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61318 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS61318 Datasheet HTML 20Page - Cirrus Logic CS61318 Datasheet HTML 21Page - Cirrus Logic CS61318 Datasheet HTML 22Page - Cirrus Logic CS61318 Datasheet HTML 23Page - Cirrus Logic CS61318 Datasheet HTML 24Page - Cirrus Logic CS61318 Datasheet HTML 25Page - Cirrus Logic CS61318 Datasheet HTML 26Page - Cirrus Logic CS61318 Datasheet HTML 27Page - Cirrus Logic CS61318 Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
CS61318
26
DS441PP2
6
APPLICATIONS
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61318
IN
HOST
MODE
RECEIVE
LINE
28
1
12
6
5
7
6
8
3
4
2
9
10
RV+
+
33 µF
RGND
0.1 µF
+5V
21
15
+
1.0 µF
TGND
RV+
TV+
CLKE
MCLK
LOS
BPV
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
SCLK
CS
INT
SDI
SDO
RTIP
RRING
TRING
TTIP
19
20
R1
R2
1
5
2
6
T1 1:1
µP
Serial
Port
27
26
23
24
25
18
LATN
1k
11
JASEL
0.47 µF
T2 1:N
TRANSMIT
LINE
16
13
0.47 µF
2
6
1
5
R3
R4
Figure 12. CS61318 Host Mode Operation
NOTE: The 0.47
µF capacitor between R1 & R2 may be omitted if common mode noise is not an issue.
NOTE: The optional 0.47
µF DC blocking cap eliminates DC saturation current through T2
E1
75
Coaxial Cable
E1
120
Twisted Pair
R1 (
Ω)
37.5
60
R2 (
Ω)
37.5
60
R3 (
Ω)
15
15
R4 (
Ω)
15
15
T2
1:1.58
1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com