Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79Q02JC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12
Am79Q02/021/031 Data Sheet
ELECTRICAL CHARACTERISTICS
Typical values are for TA = 25°C and nominal supply voltages. Minimum and maximum values are over the
temperature and supply voltage ranges shown in Operating Ranges.
Notes:
1. The CD1, CD2, C3–C5 outputs are resistive for less than a 0.8 V drop. Total current must not exceed absolute maximum ratings.
2. When the digitizer saturates, a resistor of 50 k
Ω ±20 kΩ is connected either to DGND or to VCCD — (1 diode drop) as
appropriate to discharge the coupling capacitor.
3. When the QSLAC device is in the Inactive state, the analog output will present either a VREF DC output level through a 15 k
Ω
resistor (VMODE = 0) or a high impedance (VMODE = 1).
4. If there is an external DC path from VOUT to VIN with a gain of GDC and the AISN has a gain of hAISN, then the output offset
will be multiplied by 1/[1–(hAISN • GDC)].
5. Power dissipation in the Inactive state is measured with all digital inputs at VIH = VCC and VIL = DGND and with no load
connected to VOUT1, VOUT2, VOUT3, or VOUT4.
Symbol
Parameter Descriptions
Min
Typ
Max
Unit
Note
VIL
Input Low voltage
0.8
V
VIH
Input High voltage
2.0
IIL
Input leakage current
–10
+10
µA
VOL
Output Low voltage
CD1–C5 (IOL = 4 mA)
CD1–C5 (IOL = 8 mA)
TSCA, TSCB (IOL =14 mA)
Other digital outputs (IOL = 2 mA)
0.4
0.8
0.4
0.4
V
1
VOH
Output High voltage
CD1–C5 (IOH = 4 mA)
CD1–C5 (IOH = 8 mA)
Other digital outputs (IOH = 400 µA)
VCCD – 0.4 V
VCCD – 0.8 V
2.4
1
IOL
Output leakage current (HI = Z state)
–10
10
µA
VIR
Analog input voltage range(AX = 0 dB)
(Relative to VREF)(AX = 6.02 dB)
±1.584
±0.792
Vpk
VIOS
Offset voltage allowed on VIN
–50
50
mV
ZIN
Analog input impedance to VREF300 to 3400 Hz
0.43
3.4
M
Ω
IIP
Current into analog input for input voltages between
3.8 V and 5.0 V
54
170
µA
2
IIN
Current out of analog input for input voltages between
0 V and 0.5 V
50
170
2
ZOUT
VOUT output impedance
1
10
Ω
3
IOUT
VOUT output current (F< 3400 Hz)
–4
4
mApk
ZREF
VREF output impedance (F < 3400 Hz)
70
130
k
Ω
VOR
VOUT voltage range(AR = 0 dB)
(Relative to VREF)(AR = 6.02 dB)
±1.584
±0.792
Vpk
VOOS
VOUT offset voltage (AISN off)
–40
40
mV
4
VOOSA
VOUT offset voltage (AISN on)
–80
80
LINAISN
Linearity of AISN circuitry (input = 0 dBm0)
–0.25
0.25
LSB
PD
Power dissipation
All channels active
1 channel active
All channels inactive, (in normal state)
All channels inactive (in low power state)
200
70
18
6
260
130
25
12
mW
5
CI
Input capacitance (Digital)
15
pF
CO
Output capacitance (Digital)
15
PSRR
Power supply rejection ratio (1.02 kHz, 100 mVRMS, ei-
ther path, GX = GR = 0 dB)
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com