Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79Q02JC Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 20Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
SLAC Products
17
Discrimination against Out-of-Band Input Signals
When an out-of-band sine wave signal with frequency and level A is applied to the analog input, there may be
frequency components below 4 kHz at the digital output which are caused by the out-of-band signal. These
components are at least the specified dB level below the level of a signal at the same output originating from a
1014 Hz sine wave signal with a level of A dBm0 also applied to the analog input. The minimum specifications are
shown in the following table.
Frequency of Out-of-Band Signal
Amplitude of Out-of-Band Signal
Level below A
16.6 Hz < f < 45 Hz
–25 dBm0 < A
≤ 0 dBm0
18 dB
45 Hz < f < 65 Hz
–25 dBm0 < A
≤ 0 dBm0
25 dB
65 Hz < f < 100 Hz
–25 dBm0 < A
≤ 0 dBm0
10 dB
3400 Hz < f < 4600 Hz
–25 dBm0 < A
≤ 0 dBm0
see Figure 5
4600 Hz < f < 100 kHz
–25 dBm0 < A
≤ 0 dBm0
32 dB
0
–10
–20
–30
–40
–50
Frequency (kHz)
3.4
4.0
4.6
–32 dB, –25 dBm0 < input < 0 dBm0
QSLAC Device Specification
Level (dB)
19256A-012
–28 dBm
Note:
The attenuation of the waveform below amplitude A between
3400 Hz and 4600 Hz is given by the formula:
Attenuation (db)
14
14
π 4000 f
–
()
1200
--------------------------
sin
–
=
Figure 5. Discrimination Against Out-of-Band Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com