Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOM-5024L-HD-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AOM-5024L-HD-R
Description  9.7mm diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-5024L-HD-R Datasheet(HTML) 1 Page - PUI audio inc.

  AOM-5024L-HD-R Datasheet HTML 1Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 2Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 3Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 4Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AOM-5024L-HD-R
PUI Audio’s all-new HD Series microphones use premium-grade FETs and
diaphragms for high sensitivity and superior signal-to-noise ratio. Each
microphone features GSM buzz-blocking capacitors. Upgrade the ECM
microphone that you use today with a PUI Audio HD Series microphone.
The 9.7mm diameter AOM-5024L-HD-R is designed for extreme fidelity in even
the quietest settings from 20 Hz to 20 kHz.
Features:
•
9.7mm diameter
•
5mm height
•
-24 dB sensitivity
•
80 dB signal-to-noise ratio
•
True 20 Hz to 20 kHz performance
Specifications
Parameters
Values
Units
Sensitivity (1 kHz @ 50cm)
0 dB=1V/Pa
-24 ±3
dB
Rated Voltage
3
VDC
Output Impedance (@ 1 kHz)
2.2
kΩ
Current consumption
(3VS with 2.2 kΩ RL)
500
µA
Signal-to-Noise Ratio
(1kHz, 94 dB input, A-weighted)
80
dB
Decreasing Voltage (3VS to 2VS)
-3
dB
Frequency Range
20 ~ 20,000
Hz
Operating Voltage Range
1 ~ 10
VDC
Maximum SPL Input (THD<3%)
110
dB
Directivity
Omni-directional
-


Similar Part No. - AOM-5024L-HD-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5244L-R PUI-AOM-5244L-R Datasheet
55Kb / 1P
MICROPHONE
logo
PUI audio inc.
AOM-5244L-R PUIAUDIO-AOM-5244L-R Datasheet
301Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
More results

Similar Description - AOM-5024L-HD-R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-06-1103 MOLEX5-02-06-1103 Datasheet
39Kb / 2P
1.57mm Diameter
02-06-2103 MOLEX5-02-06-2103 Datasheet
39Kb / 2P
1.57mm Diameter
02-09-1104 MOLEX5-02-09-1104 Datasheet
38Kb / 2P
2.36mm Diameter
02-09-2166 MOLEX5-02-09-2166 Datasheet
36Kb / 1P
2.36mm Diameter
02-09-8108 MOLEX5-02-09-8108 Datasheet
39Kb / 2P
2.36mm Diameter
logo
Taoglas antenna solutio...
PC23.07.0100A TAOGLAS-PC23.07.0100A Datasheet
368Kb / 7P
Diameter 42mm
logo
Pasternack Enterprises,...
PE91371 PASTERNACK-PE91371 Datasheet
354Kb / 4P
Slide-On MMBX Plug to MMBX Plug Slide-On Adapter, 9.7mm Long bullet
logo
PUI audio inc.
ANM-5254L-R PUIAUDIO-ANM-5254L-R Datasheet
542Kb / 3P
9.7mm overall diameter and 5.2mm height with solder pads
AOM-4544P-2-R PUIAUDIO-AOM-4544P-2-R Datasheet
1Mb / 3P
9.7mm overall diameter and 4.5mm height with pin-type mounting
AOM-6738L-R PUIAUDIO-AOM-6738L-R Datasheet
562Kb / 3P
9.7mm overall diameter and 6.7mm height with solder pads
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com