Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOM-5024L-HD-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AOM-5024L-HD-R
Description  9.7mm diameter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AOM-5024L-HD-R Datasheet(HTML) 2 Page - PUI audio inc.

  AOM-5024L-HD-R Datasheet HTML 1Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 2Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 3Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 4Page - PUI audio inc. AOM-5024L-HD-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Specifications (continued)
Operating Temperature
-30 ~ +70
°C
Storage Temperature
-40 ~ +85
°C
Weight
<0.3
Grams
Measurement Method (in Anechoic Chamber)
Typical Frequency Response (measured at 50cm with 3V input and 94 dB source)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com