Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2502 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LM2502 Datasheet HTML 19Page - National Semiconductor (TI) LM2502 Datasheet HTML 20Page - National Semiconductor (TI) LM2502 Datasheet HTML 21Page - National Semiconductor (TI) LM2502 Datasheet HTML 22Page - National Semiconductor (TI) LM2502 Datasheet HTML 23Page - National Semiconductor (TI) LM2502 Datasheet HTML 24Page - National Semiconductor (TI) LM2502 Datasheet HTML 25Page - National Semiconductor (TI) LM2502 Datasheet HTML 26Page - National Semiconductor (TI) LM2502 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Application Information (Continued)
DISPLAY APPLICATION
The LM2502 chipset is intended for Interface between a host
(processor) and a Display. It supports a 16 or 8-bit CPU style
interface and can be configured for i80 or m68 modes.
The Master side connection is shown in Figure 19. Input
Clock frequency and the selection of the PLL_CON setting
are determined by system parameters. These include the
required display bandwidth, the Master load rate and the
Display Driver input timing requirements. See the System
Considerations section for more details.
The Display side parallel bus may be connected to one or
two displays. Each display has its own chipselect signal. If
only one display is required, the unused CS signal should be
tied HIGH (V
DDIO) on the Master, and the unused output left
open on the Slave. The Slave provides an optional clock
output. If this is desired the CLKDIS* pin needs to be also
tied HIGH. A different PLL_CON setting can be used to alter
the frequency if desired. As the Divisor setting in the Slave is
not used for data recovery. For the dual display application,
the multidrop bus should be laid out to minimize any result-
ing stub lengths on the Data, A/D, and control signals.
If required, the Slave output clock can be enabled to provide
a output frequency reference. The frequency can be ad-
justed by setting different PLL_CON (divisor) settings (on the
Slave). This can then be used as a frequency reference
signal to the display module or other subsystem (ie camera
module). If the CLK output is not needed, tie the Slave
CLKDIS* pin Low to disable it. The Clock is available when
ever the MPL link is enabled.
20093321
FIGURE 18. LM2502 UFBGA Package PWR (V
DD) and GND (VSS) Balls
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com