Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2502 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2502
Description  Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2502 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2502 Datasheet HTML 7Page - National Semiconductor (TI) LM2502 Datasheet HTML 8Page - National Semiconductor (TI) LM2502 Datasheet HTML 9Page - National Semiconductor (TI) LM2502 Datasheet HTML 10Page - National Semiconductor (TI) LM2502 Datasheet HTML 11Page - National Semiconductor (TI) LM2502 Datasheet HTML 12Page - National Semiconductor (TI) LM2502 Datasheet HTML 13Page - National Semiconductor (TI) LM2502 Datasheet HTML 14Page - National Semiconductor (TI) LM2502 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Functional Description (Continued)
OFF PHASE
In the OFF phase, both Master and Slave MPL transmitters
are turned off with zero current flowing on the MC and MD
lines. Figure 7 shows the transition of the MPL bus into the
OFF phase. If an MPL line is driven to a logical Low (high
current) when the OFF phase is entered it may temporarily
pass through as a logical High (low current) before reaching
the zero line current state.
The link may be powered down by asserting both the Mas-
ter’s and Slaves’s PD* input pins (Low). This causes the
devices to immediately put the link to the OFF Phase and
internally enter a low power state. To avoid loss of data the
Master’s PD* input should only be asserted after the MPL
bus has been in the IDLE state for at least 20 MC clock
cycles. This gives the Slave enough time to complete any
write operations received from the MPL bus.
CPU INTERFACE COMPATIBILITY
The CPU Interface mode provides compatibility between a
CPU Interface and a small form factor (SFF) Display or other
fixed I/O port application. Two options are allowed:
TABLE 4. Modes
Mode
Description
0
m68 Interface
(E, R/W*), 16-bit support
1
i80 Interface
(WR*, RD*), 16-bit support
It is not required that both the Master and the Slave to be
configured in the same mode. For example the Master may
be configured as an 80xx (i80) interface while the Slave is
configured for an 68xx (m68) interface.
Control information is carried over both MD lines. MD0 car-
ries the D0–7 data bits while MD1 the D8–15 data bits. See
Figure 8.
20093305
FIGURE 6. MPL Power Up Timing
20093306
FIGURE 7. MPL Power Down Timing
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com