Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS01808AO-SC18-WP-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01808AO-SC18-WP-R
Description  High-energy triple magnet neodymium motor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01808AO-SC18-WP-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01808AO-SC18-WP-R Datasheet HTML 1Page - PUI audio inc. AS01808AO-SC18-WP-R Datasheet HTML 2Page - PUI audio inc. AS01808AO-SC18-WP-R Datasheet HTML 3Page - PUI audio inc. AS01808AO-SC18-WP-R Datasheet HTML 4Page - PUI audio inc. AS01808AO-SC18-WP-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS01808AO-SC18-WP-R
The eight ohm 18mm x 13mm AS01808AO-SC18-WP-R speaker is designed for
high fidelity audio reproduction in the thinnest size possible—only 2.5mm thick!
Spring contacts offer quick electrical connection.
Features:
PEEK diaphragm for flat frequency response
96 dB output (2.83V @ 10cm)
High-energy triple magnet neodymium motor
Double-sided tape for easy mounting
Dustproof and waterproof IP65-rated face
Specifications
Parameters
Values
Units
Rated Input Power
1
Watts
Max Input Power
1.2
Watts
Impedance
8 ± 15%
Ohms
Sensitivity (SPL @ 2.83V/10cm)
Avg 0.8, 1.0, 1.2, 1.5 kHz in 1cc
enclosure
96 ± 3
dB
Resonant Frequency (free air)
420 ± 20%
Hz
Frequency Range
Fo ~ 15,000
Hz
Frame Material
PPA
-
Magnet Material
NdFeB
-
Weight
1.8
Grams
Environmental Protection Rating
IP65
-
Buzz, Rattle, etc.
Should not be audible with 2.83V
sine sweep from 500 Hz to 15
kHz installed in a 1cc enclosure
-
Polarity
When positive voltage is applied
to the positive terminal, the
diaphragm will move outward
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +70
°C


Similar Part No. - AS01808AO-SC18-WP-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01808AO-3-R PUIAUDIO-AS01808AO-3-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
AS01808AO-3-SC-R PUIAUDIO-AS01808AO-3-SC-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
AS01808AO-WP-R PUIAUDIO-AS01808AO-WP-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
More results

Similar Description - AS01808AO-SC18-WP-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01008MR-2-R PUIAUDIO-AS01008MR-2-R Datasheet
777Kb / 3P
10mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS01708MR-SC-2-R PUIAUDIO-AS01708MR-SC-2-R Datasheet
748Kb / 3P
17mm diameter speaker with Neodymium magnet for 88 dB sensitivity
AS01808MS-SC18-WP-R PUIAUDIO-AS01808MS-SC18-WP-R Datasheet
685Kb / 5P
High-energy neodymium motor
AS01808MS-SP18-WP-R PUIAUDIO-AS01808MS-SP18-WP-R Datasheet
759Kb / 5P
High-energy neodymium motor
AS04008CO-2-R PUIAUDIO-AS04008CO-2-R Datasheet
607Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008CO-2-WR-R PUIAUDIO-AS04008CO-2-WR-R Datasheet
553Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008PS-4W-R PUIAUDIO-AS04008PS-4W-R Datasheet
599Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008PS-4W-WR-R PUIAUDIO-AS04008PS-4W-WR-R Datasheet
569Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AST-01708MR-R PUIAUDIO-AST-01708MR-R Datasheet
429Kb / 3P
17mm diameter speaker with Neodymium magnet for 90 dB sensitivity
logo
EnOcean GmbH.
STM320 ENOCEAN-STM320 Datasheet
216Kb / 1P
Energy Harvesting Magnet Contact Transmitter Module
May 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com