Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C16A Datasheet(PDF) 14 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M28C16A Datasheet HTML 9Page - STMicroelectronics M28C16A Datasheet HTML 10Page - STMicroelectronics M28C16A Datasheet HTML 11Page - STMicroelectronics M28C16A Datasheet HTML 12Page - STMicroelectronics M28C16A Datasheet HTML 13Page - STMicroelectronics M28C16A Datasheet HTML 14Page - STMicroelectronics M28C16A Datasheet HTML 15Page - STMicroelectronics M28C16A Datasheet HTML 16Page - STMicroelectronics M28C16A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
PLCC
D
Ne
E1 E
1N
D1
Nd
CP
B
D2/E2
e
B1
A1
A
j
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.54
3.56
0.100
0.140
A1
1.52
2.41
0.060
0.095
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
D
12.32
12.57
0.485
0.495
D1
11.35
11.56
0.447
0.455
D2
9.91
10.92
0.390
0.430
E
14.86
15.11
0.585
0.595
E1
13.89
14.10
0.547
0.555
E2
12.45
13.46
0.490
0.530
e
1.27
–
–
0.050
–
–
j
0.89
–
–
0.035
–
–
N32
32
Nd
7
7
Ne
9
9
CP
0.10
0.004
PLCC32
Drawing is not to scale.
PLCC32 - 32 lead Plastic Leaded Chip Carrier, rectangular
14/17
M28LV16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com