Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C16A Datasheet(PDF) 15 Page - STMicroelectronics

Part # M28C16A
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M28C16A Datasheet HTML 9Page - STMicroelectronics M28C16A Datasheet HTML 10Page - STMicroelectronics M28C16A Datasheet HTML 11Page - STMicroelectronics M28C16A Datasheet HTML 12Page - STMicroelectronics M28C16A Datasheet HTML 13Page - STMicroelectronics M28C16A Datasheet HTML 14Page - STMicroelectronics M28C16A Datasheet HTML 15Page - STMicroelectronics M28C16A Datasheet HTML 16Page - STMicroelectronics M28C16A Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
1
H
A
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
2.46
2.64
0.097
0.104
A1
0.13
0.29
0.005
0.011
A2
2.29
2.39
0.090
0.094
B
0.35
0.48
0.014
0.019
C
0.23
0.32
0.009
0.013
D
15.20
15.60
0.598
0.614
E
7.42
7.59
0.292
0.299
e
1.27
–
–
0.050
–
–
H
10.16
10.41
0.400
0.410
L
0.61
1.02
0.024
0.040
α
0
°
8
°
0
°
8
°
N24
24
CP
0.10
0.004
SO24
Drawing is not to scale.
SO24 - 24 lead Plastic Small Outline, 300 mils body width
15/17
M28LV16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com