Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1009IDA Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS1009IDA
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009IDA Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS1009IDA Datasheet HTML 15Page - Texas Instruments THS1009IDA Datasheet HTML 16Page - Texas Instruments THS1009IDA Datasheet HTML 17Page - Texas Instruments THS1009IDA Datasheet HTML 18Page - Texas Instruments THS1009IDA Datasheet HTML 19Page - Texas Instruments THS1009IDA Datasheet HTML 20Page - Texas Instruments THS1009IDA Datasheet HTML 21Page - Texas Instruments THS1009IDA Datasheet HTML 22Page - Texas Instruments THS1009IDA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
19
ANALOG INPUT CHANNEL SELECTION
The analog input channels of the THS1009 can be selected via bits 3 to 7 of control register 0. One single channel
(single-ended or differential) is selected via bit 3 and bit 4 of control register 0. Bit 5 controls the selection between
single-ended and differential configuration. Bit 6 and bit 7 select the autoscan mode, if more than one input channel
is selected. Table 9 shows the possible selections.
Table 9. Analog Input Channel Configurations
BIT 7
SCAN
BIT 6
DIFF1
BIT 5
DIFF0
BIT 4
CHSEL1
BIT 3
CHSEL0
DESCRIPTION OF THE SELECTED INPUTS
0
0
0
0
0
Analog input AINP (single ended)
0
0
0
0
1
Analog input AINM (single ended)
0
0
0
1
0
Reserved
0
0
0
1
1
Reserved
0
0
1
0
0
Differential channel (AINP–AINM)
0
0
1
0
1
Reserved
1
0
0
0
1
Autoscan two single ended channels: AINP, AINM, AINP,
…
1
0
0
1
0
Reserved
1
0
0
1
1
Reserved
1
0
1
0
1
Reserved
1
0
1
1
0
Reserved
1
1
0
0
1
Reserved
0
0
1
1
0
Reserved
0
0
1
1
1
Reserved
1
0
0
0
0
Reserved
1
0
1
0
0
Reserved
1
0
1
1
1
Reserved
1
1
0
0
0
Reserved
1
1
0
1
0
Reserved
1
1
0
1
1
Reserved
1
1
1
0
0
Reserved
1
1
1
0
1
Reserved
1
1
1
1
0
Reserved
1
1
1
1
1
Reserved
Test Mode
The test mode of the ADC is selected via bit 8 and bit 9 of control register 0. The different selections are shown in
Table 10.
Table 10. Test Mode
BIT 9
TEST1
BIT 8
TEST0
OUTPUT RESULT
0
0
Normal mode
0
1
VREFP
1
0
((VREFM)+(VREFP))/2
1
1
VREFM
Three different options can be selected. This feature allows support testing of hardware connections between the
ADC and the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com