Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS1009IDA Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS1009IDA
Description  10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1009IDA Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS1009IDA Datasheet HTML 17Page - Texas Instruments THS1009IDA Datasheet HTML 18Page - Texas Instruments THS1009IDA Datasheet HTML 19Page - Texas Instruments THS1009IDA Datasheet HTML 20Page - Texas Instruments THS1009IDA Datasheet HTML 21Page - Texas Instruments THS1009IDA Datasheet HTML 22Page - Texas Instruments THS1009IDA Datasheet HTML 23Page - Texas Instruments THS1009IDA Datasheet HTML 24Page - Texas Instruments THS1009IDA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
THS1009
SLAS287A – AUGUST 2000 – REVISED DECEMBER 2002
www.ti.com
21
TIMING AND SIGNAL DESCRIPTION OF THE THS1009
The reading from the THS1009 and writing to the THS1009 is performed by using the chip select inputs (CS0, CS1),
the write input WR and the read input RD. The write input is configurable to a combined read/write input (R/W). This
is desired in cases where the connected processor consists of a combined read/write output signal (R/W). The two
chip select inputs can be used to interface easily to a processor.
Reading from the THS1009 takes place by an internal RDint signal, which is generated from the logical combination
of the external signals CS0, CS1 and RD (see Figure 28). This signal is then used to strobe out the words and to
enable the output buffers. The last external signal (either CS0, CS1 or RD) to become valid makes RDint active while
the write input (WR) is inactive. The first of those external signals switching to its inactive state deactivates RDint
again.
Writing to the THS1009 takes place by an internal WRint signal, which is generated from the logical combination of
the external signals CS0, CS1 and WR. This signal strobes the control words into the control registers 0 and 1. The
last external signal (either CS0, CS1 or WR) to become valid switches WRint active while the read input (RD) is
inactive. The first of those external signals going to its inactive state deactivates WRint again.
RDint
WRint
Control/Data
Registers
CS0
CS1
RD
WR
Data Bits
Figure 28. Logical Combination of CS0, CS1, RD, and WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com