Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC1482F Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC1482F
Description  2A , 23V Synchronus Rectified Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1482F Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC1482F Datasheet HTML 1Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 2Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 3Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 4Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 5Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 6Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 7Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 8Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FAC1482F
2012.03. 26
4/13
Revision No : 0
Absolute Maximum Ratings
ti
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Supply Voltage
VIN
-0.3 to 23
V
Switch Node Voltage
VSW
21
V
Boost Voltage
VBS
VSW – 0.3V to VSW+6V
V
Output Voltage
VOUT
0.923V to 20
V
All Other Pins
–0.3V to +6V
V
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
J
150
ºC
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-65 to 150
ºC
T
)
c
e
s
0
1
,
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
LEAD
260
ºC
V
0
0
0
2
)
M
B
H
(
D
S
E
3
l
e
v
e
L
L
S
M
Thermal Resistance-Junction to Ambient
RθJA
90
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com