Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC1482F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1482F
Description  2A , 23V Synchronus Rectified Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1482F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1482F Datasheet HTML 1Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 2Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 3Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 4Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 5Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 6Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 7Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 8Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2A , 23V Synchronus Rectified Step Down Converter
SEMICONDUCTOR
TECHNICAL D ATA
FAC1482F
2012.03. 26
1/13
Revision No : 0
General Description
The FAC1482 is amonolithic synchronous buck
regulator. The device integrates two 130m
Ω MOSFETs
and provides 2A of continuous load current over a wide
input voltage of 4.75V to 23V.
Current mode control provides fast transient response
and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at
turn-on, and in shutdown mode the supply current
drops to 1µA.
This device, availablein an
SOP-8 package,
provides a very compact solution with minimal external
components.
Features
• 2AOutputCurrent
• Wide4.75Vto23VOperatingInputRange
• Integrated130mΩPowerMOSFETSwitches
• OutputAdjustablefrom0.923Vto20V
• Upto93%Efficiency
• ProgrammableSoft-Start
• StablewithLowESRCeramicOutputCapacitors
• Fixed340KHzFrequency
• Cycle-by-CycleOverCurrentProtection
• InputUnderVoltageLockout
Applications
• DistributedPowerSystems
• NetworkingSystems
• FPGA,DSP,ASICPowerSupplies
• GreenElectronics/Appliances
• NotebookComputers
Package Types
Figure 1. Package Types of FAC1482F


Similar Part No. - FAC1482F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1483FE FS-FAC1483FE Datasheet
1Mb / 13P
2A , 23V Synchronus Rec f ed Step Down Converter
FAC1484FE FS-FAC1484FE Datasheet
1Mb / 13P
3A 23V Synchron s Rectified S ep Down Converter
More results

Similar Description - FAC1482F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
MP2361 MPS-MP2361 Datasheet
190Kb / 8P
2A, 23V, 1.4MHz Step-Down Converter
MP29296 MPS-MP29296 Datasheet
301Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2305S MPS-MP2305S Datasheet
303Kb / 12P
2A, 23V Synchronous Rectified Step-Down Converter
logo
Feeling Technology Corp...
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
First Silicon Co., Ltd
FAC1483FE FS-FAC1483FE Datasheet
1Mb / 13P
2A , 23V Synchronus Rec f ed Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com