Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC1591FR Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FAC1591FR
Description  2A 380KHZ 32V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1591FR Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FAC1591FR Datasheet HTML 1Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Function Block
Figure 3 Function Block Diagram of FAC1591
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 32
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Enable Pin Voltage
VEN
-0.3 to 12
V
Switch Pin Voltage
VSW
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
V
0
0
0
2
)
M
B
H
(
D
S
E
Thermal Resistance-Junction to Ambient
RθJA
85
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2008.01. 28
3/12
Revision No : 0
FAC1591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com