Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAC1591FR Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FAC1591FR
Description  2A 380KHZ 32V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1591FR Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FAC1591FR Datasheet HTML 1Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Input Voltage
VIN
3.6
32
V
Operating Junction Temperature
TJ
-40
125
ºC
Operating Ambient Temperature
TA
-40
85
ºC
Electrical Characteristics
VCC = 12V, Ta = 25 unless otherwise specified.
℃
Parameters
Symbol
Test Condition
Min. Typ. Max. Unit
Input voltage
VIN
3.6
32
V
Shutdown Supply Current
ISTBY
VEN=0V
30
90
uA
Supply Current
ICC
VEN=2V, VFB=1.3V
3.6
4
mA
Feedback Voltage
VFB
VIN = 3.6V to 23V
1.21 1.222 1.26
V
Feedback Bias Current
IFB
VFB=1.3V
0.1
0.5
uA
Switch Current Limit
ILIM
3
4
A
Oscillator Frequency
FOSC
320
380
440
KHz
Frequency of Current
Limit or Short Circuit
Protection
FOSC1
VFB=0V
42
KHz
EN Pin Threshold
VEN
0.7
1.2
1.7
V
IH
VEN=2.5V
-0.1
-1
uA
EN Pin Input Leakage
Current
IL
VEN=0.5V
-3
-10
uA
Internal PMOS RDSON
RDSON
VIN =12V, VFB=0V
VEN=12V, Iout=2A
140
mΩ
Max. Duty Cycle
DMAX
VFB=0V, ISW=0.1A
100
%
Efficiency
η
VIN=12V ,Vout=5V
Iout=2A
-
92
-
%
Thermal Shutdown
TOTSD
165
ºC
2008.01. 28
4/12
Revision No : 0
FAC1591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com