Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1336DWVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1336DWVR
Description  AMC1336 Small, High-Precision, Reinforced Isolated Delta-Sigma Modulator for Voltage Sensing Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1336DWVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC1336DWVR Datasheet HTML 9Page - Texas Instruments AMC1336DWVR Datasheet HTML 10Page - Texas Instruments AMC1336DWVR Datasheet HTML 11Page - Texas Instruments AMC1336DWVR Datasheet HTML 12Page - Texas Instruments AMC1336DWVR Datasheet HTML 13Page - Texas Instruments AMC1336DWVR Datasheet HTML 14Page - Texas Instruments AMC1336DWVR Datasheet HTML 15Page - Texas Instruments AMC1336DWVR Datasheet HTML 16Page - Texas Instruments AMC1336DWVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
V
IN
Integrator 1
Integrator 2
0 V
DAC
V
1
V
2
V
4
V
5
V
3
CMP
f
CLKIN
3
2
1
0
-1
-2
3.25
3.5
3.75
4
4.25
5.5
VDD (V)
3
4.5
5
4
Specified VCM
Range
VCMov
VCMuv
3
2
1
0
-1
-2
3.25
3.5
3.75
4
4.25
5.5
VDD (V)
3
4.5
5
4
VCMov
VCMuv
Specified VCM
Range
13
AMC1336
www.ti.com
SBAS951 – AUGUST 2019
Product Folder Links: AMC1336
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 7. Common-Mode Input Voltage Range With a
Full-Scale Differential Input Signal of ±1.25 V
Figure 8. Common-Mode Input Voltage Range With a
Zero Differential Input Signal
There are two restrictions on the analog input signals (AINP and AINN). First, if the input voltage exceeds the
range AGND – 5 V to AVDD + 0.5 V, the input current must be limited to 10 mA because the device input
electrostatic discharge (ESD) diodes turn on. In addition, the linearity and noise performance of the device are
ensured only when the differential analog input voltage remains within the specified linear full-scale range (FSR)
and within the specified input common-mode range.
7.3.2 Modulator
The modulator implemented in the AMC1336, as conceptualized in Figure 9, is a second-order, switched-
capacitor, feed-forward ΔΣ modulator. The analog input voltage VIN and the output V5 of the 1-bit digital-to-analog
converter (DAC) are differentiated, providing an analog voltage V1 at the input of the first integrator stage. The
output of the first integrator feeds the input of the second integrator stage, resulting in an output voltage V3 that is
differentiated with the input signal VIN and the output of the first integrator V2. Depending on the polarity of the
resulting voltage V4, the output of the comparator is changed. In this case, the 1-bit DAC responds on the next
clock pulse by changing the associated analog output voltage V5, causing the integrators to progress in the
opposite direction and forcing the value of the integrator output to track the average value of the input.
Figure 9. Block Diagram of a Second-Order Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com