Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848MPHPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 12Page - Texas Instruments DP83848MPHPREP Datasheet HTML 13Page - Texas Instruments DP83848MPHPREP Datasheet HTML 14Page - Texas Instruments DP83848MPHPREP Datasheet HTML 15Page - Texas Instruments DP83848MPHPREP Datasheet HTML 16Page - Texas Instruments DP83848MPHPREP Datasheet HTML 17Page - Texas Instruments DP83848MPHPREP Datasheet HTML 18Page - Texas Instruments DP83848MPHPREP Datasheet HTML 19Page - Texas Instruments DP83848MPHPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
TX_CLK
TXD[3:0]
TX_EN
Valid data
T2.4.1
T2.4.1
T2.4.2
T2.4.3
MDC
MDC
MDIO (output)
MDIO (input)
Valid data
T2.3.1
T2.3.4
T2.3.2
T2.3.3
16
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Specifications
Copyright © 2012–2019, Texas Instruments Incorporated
4.7.3
MII Serial Management Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.3.1
MDC to MDIO (output) delay time
0
30
ns
T2.3.2
MDIO (input) to MDC setup time
10
ns
T2.3.3
MDIO (input) to MDC hold time
10
ns
T2.3.4
MDC frequency
2.5
25
MHz
Figure 4-4. MII Serial Management Timing
4.7.4
100-Mbps MII Transmit Timing
PARAMETER
DESCRIPTION
NOTES
MIN
TYP
MAX
UNIT
T2.4.1
TX_CLK high/low time
100-Mbps Normal mode
16
20
24
ns
T2.4.2
TXD[3:0], TX_EN data setup to
TX_CLK
100-Mbps Normal mode
9.70
ns
T2.4.3
TXD[3:0], TX_EN data hold from
TX_CLK
100-Mbps Normal mode
0
ns
Figure 4-5. 100-Mbps MII Transmit Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com