Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848MPHPREP Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848MPHPREP
Description  DP83848-EP PHYTER??Military Temperature Single Port 10/100 Mbps Ethernet Physical Layer Transceiver
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848MPHPREP Datasheet(HTML) 60 Page - Texas Instruments

Back Button DP83848MPHPREP Datasheet HTML 56Page - Texas Instruments DP83848MPHPREP Datasheet HTML 57Page - Texas Instruments DP83848MPHPREP Datasheet HTML 58Page - Texas Instruments DP83848MPHPREP Datasheet HTML 59Page - Texas Instruments DP83848MPHPREP Datasheet HTML 60Page - Texas Instruments DP83848MPHPREP Datasheet HTML 61Page - Texas Instruments DP83848MPHPREP Datasheet HTML 62Page - Texas Instruments DP83848MPHPREP Datasheet HTML 63Page - Texas Instruments DP83848MPHPREP Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
60
DP83848-EP
SLLSEC6E – SEPTEMBER 2012 – REVISED JUNE 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DP83848-EP
Detailed Description
Copyright © 2012–2019, Texas Instruments Incorporated
Table 5-10. Basic Mode Status Register (BMSR), Address 0x01 (continued)
BIT
BIT NAME
DEFAULT
DESCRIPTION
2
Link Status
0, RO/LL
Link Status:
1 = Valid link established (for either 10 or 100 Mbps operation)
0 = Link not established
The criteria for link validity is implementation specific. The occurrence of
a link failure condition will causes the Link Status bit to clear. Once
cleared, this bit may only be set by establishing a good link condition and
a read via the management interface.
1
Jabber Detect
0, RO/LH
Jabber Detect: This bit only has meaning in 10 Mbps mode
1 = Jabber condition detected
0 = No Jabber
This bit is implemented with a latching function, such that the occurrence
of a jabber condition causes it to set until it is cleared by a read to this
register by the management interface or by a reset.
0
Extended Capability
1, RO/P
Extended Capability:
1 = Extended register capabilities
0 = Basic register set capabilities only
5.6.1.3
PHY Identifier Register #1 (PHYIDR1)
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83848-EP. The
Identifier consists of a concatenation of the Organizationally Unique Identifier (OUI), the vendor's model
number and the model revision number. A PHY may return a value of zero in each of the 32 bits of the
PHY Identifier if desired. The PHY Identifier is intended to support network management. National's IEEE
assigned OUI is 080017h.
Table 5-11. PHY Identifier Register #1 (PHYIDR1), Address 0x02
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:0
OUI_MSB
<0010 0000 0000 0000>,
RO/P
OUI Most Significant Bits: Bits 3 to 18 of the OUI (080017h) are stored
in bits 15 to 0 of this register. The most significant two bits of the OUI
are ignored (the IEEE standard refers to these as bits 1 and 2).
5.6.1.4
PHY Identifier Register #2 (PHYIDR2)
Table 5-12. PHY Identifier Register #2 (PHYIDR2), Address 0x03
BIT
BIT NAME
DEFAULT
DESCRIPTION
15:10
OUI_LSB
<0101 11>, RO/P
OUI Least Significant Bits:
Bits 19 to 24 of the OUI (080017h) are mapped from bits 15 to 10 of
this register respectively.
9:4
VNDR_MDL
<00 1001 >, RO/P
Vendor Model Number:
The six bits of vendor model number are mapped from bits 9 to 4
(most significant bit to bit 9).
3:0
MDL_REV
<0000>, RO/P
Model Revision Number:
Four bits of the vendor model revision number are mapped from bits 3
to 0 (most significant bit to bit 3). This field will be incremented for all
major device changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com