Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC28056CDBVT Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT Datasheet HTML 9Page - Texas Instruments UCC28056CDBVT Datasheet HTML 10Page - Texas Instruments UCC28056CDBVT Datasheet HTML 11Page - Texas Instruments UCC28056CDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
UCC28056
SLUSD37C – OCTOBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: UCC28056
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TDCHMax0
Max duration of TDCHb state if no ZCD
signal detected. After no OCPx Events
(1)
250
µS
TDCHMax1
Max duration of TDCHb state if no ZCD
signal detected. After one OCPx
Events (1)
500
µS
TDCHMax2
Max duration of TDCHb state if no ZCD
signal detected. After two consecutive
OCPx Events (1)
1000
µS
Output Over-Voltage Protection
VOSOovp1Rise
VOSNS over-voltage threshold, rising
VCC=12V
2.69
2.75
2.81
V
VOSOovp1Fall
VOSNS over-voltage threshold, falling
VCC=12V
2.60
2.675
2.73
V
VOSOovp1Hyst
VOSOovp1Rise - VOSOovp1Fall
(1)
0.072
V
TOvp2Blk
Ovp2 Comparator output is blanked
for this period after falling edge of
DRV (1)
520
620
720
ns
TOvp2bEn
Ovp2b fault is detected ZCD is
detected during this period after falling
edge of Ovp3 Comparator output (1)
620
720
820
ns
VOvp2Th
Second level output over-voltage fault
Threshold
1.102
1.125
1.148
V
Thermal Protection
TTSDRise
Thermal Shutdown Rising Threshold
(1)
While switching
135
145
155
°C
TTSDFall
Thermal Shutdown Falling Threshold
(1)
While not switching
95
105
115
°C
TTSDHyst
TTSDRise - TTSDFall
(1)
38
40
42
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com