Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28056CDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28056CDBVT
Description  UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28056CDBVT Datasheet(HTML) 1 Page - Texas Instruments

  UCC28056CDBVT Datasheet HTML 1Page - Texas Instruments UCC28056CDBVT Datasheet HTML 2Page - Texas Instruments UCC28056CDBVT Datasheet HTML 3Page - Texas Instruments UCC28056CDBVT Datasheet HTML 4Page - Texas Instruments UCC28056CDBVT Datasheet HTML 5Page - Texas Instruments UCC28056CDBVT Datasheet HTML 6Page - Texas Instruments UCC28056CDBVT Datasheet HTML 7Page - Texas Instruments UCC28056CDBVT Datasheet HTML 8Page - Texas Instruments UCC28056CDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
VOSNS
ZDC/CS
UCC28056
VCC
COMP
DRV
GND
CC0
CC01
RC0
RDG
RZC1
ROS2
ROS1
COut
RCS
VOUT
Bus
Bus
GND
DBST
LBST
CCC
RZC2
CIn
VCC
Copyright © 2018, Texas Instruments Incorporated
Line Voltage (VRMS)
20
80
120
240
280
200
160
25
30
35
40
45
50
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC28056
SLUSD37C – OCTOBER 2017 – REVISED FEBRUARY 2018
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
1
1 Features
1
•
Low Input Current Distortion and Near Unity
Power Factor Down to 10% Load
–
Enables Compliance to IEC1000-3-2
•
Ultra-low No-load Input Power (25 mW at 115
Vac, 40 mW at 230 Vac)
•
Excellent Efficiency Over Range Of Load
•
Enables <60mW Standby Power at 115Vac and
<80mW Standby Power at 230 Vac in PFC+LLC
System
•
Enables Compliance To Green Power Standards
Without Disabling PFC
–
EuP Lot 6 Tier 2, CoC Ver. 5 Tier 2, Energy
Star for computers Ver. 6.1, DOE Level VI
•
Ultra-low Audible Noise Output
•
Burst Mode With Soft-entry and Soft-exit Periods
•
Enhanced EA, Responds Rapidly to Load Steps
Without Degrading Input Current Distortion
•
Valley Synchronized Turn-on Requires No Second
Winding On The Boost Inductor
•
User Adjustable Valley Delay
•
Low Start-up Current Consumption (<46 µA)
•
Wide VCC Range 8.5 V to 34 V
•
Cycle-by-cycle Current Limit
•
Second Independent Output Voltage Protection
•
Integrated Over-temperature Protection
•
Create a Custom Design Using the UCC28056
Device With the WEBENCH® Power Designer
2 Applications
•
Desktop Computing / Digital TV
•
Gaming / Set Top Box / AC Adapter Front End
•
LED Drivers and Luminaries
•
Entry-Level Server and Web Server
3 Description
The UCC28056 device drives PFC boost stages
based on an innovative mixed mode method that
operates in Transition mode (TM ) at full load and
transitions seamlessly into Discontinuous Conduction
mode (DCM) at reduced load, automatically reducing
switching frequency. This device incorporates burst
mode
operation
to
further
improve
light
load
performance, enabling systems to meet challenging
energy standards while eliminating the need to switch
off the PFC. UCC28056 can drive a PFC power stage
up to 300 W, ensuring sinusoidal line input current
with low distortion, close to unity power factor while
keeping the PFC ‘always on’. When used with the
LLC
controller
UCC256301,
this
6-pin
device
eliminates
the
need
for
an
auxiliary
fly
back
converter, (typically needed in systems for good
standby performance) while achieving less than 80
mW at 230 Vac. The device also enables instant turn
on while reducing external component count to a
minimum.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC28056
SOT-23(6)
2.90 mm x 1.6 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Standby Power
Simplified Application


Similar Part No. - UCC28056CDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28056CDBVT TI2-UCC28056CDBVT Datasheet
2Mb / 55P
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
REVISED NOVEMBER 2019
UCC28056CDBVT.A TI2-UCC28056CDBVT.A Datasheet
2Mb / 55P
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
REVISED NOVEMBER 2019
UCC28056CDBVT.B TI2-UCC28056CDBVT.B Datasheet
2Mb / 55P
UCC28056 6-Pin Single-Phase Transition-Mode PFC Controller
REVISED NOVEMBER 2019
More results

Similar Description - UCC28056CDBVT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
Transition-mode PFC controller
07-Aug-2007
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6564 STMICROELECTRONICS-L6564 Datasheet
815Kb / 34P
10 pin transition-mode PFC controller
08-Sep-2009
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
Transition-mode PFC controller
04-Mar-2009
L6564T STMICROELECTRONICS-L6564T Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
L6564TD STMICROELECTRONICS-L6564TD Datasheet
680Kb / 33P
10-pin transition-mode PFC controller
18-Jan-2012
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
Transition Mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
TRANSITION MODE PFC CONTROLLER
UCC28056 TI1-UCC28056 Datasheet
1Mb / 44P
6-Pin Single-Phase Transition-Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com