Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF10P1002JTLJ Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P1002JTLJ
Description  Automotive grade AEC Q-200 compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P1002JTLJ Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P1002JTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Approval sheet
Page 8 of 8
ASC_WFxxP_J_V03
DEC 2016
Terminal strength
AEC-Q200-006
Pressurizing force: 1Kg, Test time: 60±1sec.
No
remarkable
damage
or
removal of the terminations
Thermal shock
MIL-STD-202
method 107
Test –55 to 155℃/ dwell time 15min/ Max transfer time
20sec 300cycles
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
ESD
AEC-Q200-002
Test contact 1.0KV (0.5KV for 0402 only)
∆R/R max. ±(1.0%+0.05Ω)
No visible damage
Mechanical Shock
MIL-STD-202
method 213
Test ½ Sine Pulse, Peak value: 100g, normal duration:
6ms, Velocity change:12.3ft/sec. Three shocks in each
direction, total 18 shocks.
Within product specification
tolerance and no visible damage.
Vibration
MIL-STD-202
method 204
Test 5g’s for 20 min., 12 cycles each of 3 orientations.
△R/R max. ±(1%+0.05Ω) and
no visible damage
Resistance to Solvents :
MIL-STD-202
Method 215
Solvent is Isopropyl alcohol, immersion 3mins at 25℃
and brush 10 strokes with a toothbrush with a handle
made of a non-reactive material (wet bristle), immersion
and brush 3 times and then air blow dry.
No superficial defect on marking,
encapsulation, coating,
appearance. Electrical
characteristics within products
specification and tolerance.
Inspect at 3X max. for marking,
inspect at 10X for part damage.
External Visual
MIL-STD-883
method 2009
Electrical test not required. Inspect device construction,
marking and workmanship
No visual damage and refer
WTC marking code.
Physical Dimension
JESD22
method JB-100
Verify physical dimensions(L, W, T, Tb, Tt)
Within the specified tolerance for
WTC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com