Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF10P1002JTLJ Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # WF10P1002JTLJ
Description  Automotive grade AEC Q-200 compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WF10P1002JTLJ Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  WF10P1002JTLJ Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WF10P1002JTLJ Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Approval sheet
Page 1 of 8
ASC_WFxxP_J_V03
DEC 2016
WF06P, WF08P, WF12P, WF10P, WF20P,
WF25P
±±±±1%, ±±±±5% 0 , 1 ~1M
Thick film High Power Chip Resistors
Size 0603, 0805, 1206, 1210, 2010, 2512
( Automotive Grade )
*Contents in this sheet are subject to change without prior notice.


Similar Part No. - WF10P1002JTLJ

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WF10P1000BEL WALSIN-WF10P1000BEL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000BTL WALSIN-WF10P1000BTL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000DEL WALSIN-WF10P1000DEL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000DTL WALSIN-WF10P1000DTL Datasheet
620Kb / 9P
High power rating and compact size
WF10P1000FEL WALSIN-WF10P1000FEL Datasheet
620Kb / 9P
High power rating and compact size
More results

Similar Description - WF10P1002JTLJ

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
SF12H WALSIN-SF12H Datasheet
497Kb / 9P
Automotive grade AEC Q-200 Compliant
WA04X WALSIN-WA04X Datasheet
226Kb / 8P
Automotive grade AEC Q-200 compliant
WF08H WALSIN-WF08H Datasheet
227Kb / 7P
Automotive grade AEC Q-200 compliant
WR02X_J WALSIN-WR02X_J Datasheet
235Kb / 7P
Thick Film General purpose chip resistors Automotive AEC Q-200 compliant
WR20 WALSIN-WR20 Datasheet
244Kb / 7P
Automotive grade AEC Q-200 compliant
logo
Abracon Corporation
ABH4A ABRACON-ABH4A Datasheet
895Kb / 2P
AEC-Q200 COMPLIANT GLASS SEALED AUTOMOTIVE GRADE SMD CRYSTAL
02.19.10
logo
Shanghai Leiditech Elec...
LM0603 LEIDITECH-LM0603 Datasheet
1Mb / 4P
AEC-200 Automotive Grade Certified
LM1206 LEIDITECH-LM1206 Datasheet
763Kb / 3P
AEC-Q200 Automotive Grade Certified
logo
Stackpole Electronics, ...
RMCA SEI-RMCA Datasheet
520Kb / 10P
Automotive Grade Anti-sulfur and AEC Compliant Thick Film Chip Resistor
5/17/2022
RNCA SEI-RNCA Datasheet
343Kb / 6P
Automotive Grade Anti-sulfur and AEC Compliant Thin Film Chip Resistor
5/17/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com