Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86319 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86319
Description  PS/2 MOUSE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86319 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86319 Datasheet HTML 1Page - Zilog, Inc. Z86319 Datasheet HTML 2Page - Zilog, Inc. Z86319 Datasheet HTML 3Page - Zilog, Inc. Z86319 Datasheet HTML 4Page - Zilog, Inc. Z86319 Datasheet HTML 5Page - Zilog, Inc. Z86319 Datasheet HTML 6Page - Zilog, Inc. Z86319 Datasheet HTML 7Page - Zilog, Inc. Z86319 Datasheet HTML 8Page - Zilog, Inc. Z86319 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DS97KEY1605
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86319
1
PS/2 MOUSE CONTROLLER
FEATURES
s
0
°C to + 40°C Operating Temperature Range
s
Low-Power Consumption: 25 mW (Typical)
s
P24-P27 Can Be Configured with a Voltage Divider
During Input Mode
s
On-Chip Oscillator (Tolerance =
±10%)
s
Fast Instruction Pointer: 1.5
µs @ 4 MHz
s
ESD Protection Circuitry
s
Hardwired Watch-Dog Timer (WDT)
s
Excellent System Level EMI/EFT/ESD
GENERAL DESCRIPTION
The Z86319 is a member of the Z8 family of CMOS micro-
controllers architecture to be used in mouse applications.
These devices offer on-board pull-up and pull-down resis-
tors, a trip-point buffer to accommodate opto-transistor
outputs, and high drive ports capable of up to 10 mA cur-
rent sinking per pin (3 pins maximum).
A permanently enabled Watch-Dog Timer ensures opera-
tional reliability across a broad range of mouse application
environments. The precision RC oscillator filters out high-
frequency noise from the oscillator input pin. When config-
ured as inputs, P24-P27 have built in voltage dividers (25K
pull-up /7.5K pull-down). The input levels are designed for
connection to the emitters of the opto-transistors and
switch at a voltage level of 0.4 VDD.
For applications requiring powerful I/O capabilities, the
Z86319 provides dedicated input and output lines that are
grouped into three ports. There are two basic address
spaces available to support this configuration: Program
Memory, and 125 bytes of general-purpose registers.
The Z86319 device provides two on-chip 8-bit programma-
ble counter/timers with a large number of user-selectable
modes. Each counter/timer is driven by its own 6-bit pro-
grammable prescaler. The Z86319 counter/timers off-load
system real-time tasks such as counting/timing and in-
put/output data communications for increased system effi-
ciency.
Device
ROM
(KB)
RAM*
(Bytes)
I/O
Lines
Voltage
Range
Z86319
2
125
13
4.5V to 5.5V
Note: *General-Purpose (144K Total RAM)


Similar Part No. - Z86319

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
CMOS Z8 8-BIT MICROCONTROLLER
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
Z8 MCU 8-BIT MICROCONTROLLER
Z8631804PEC ZILOG-Z8631804PEC Datasheet
265Kb / 26P
Z8 MCU 8-BIT MICROCONTROLLER
Z8631804PSC ZILOG-Z8631804PSC Datasheet
265Kb / 26P
Z8 MCU 8-BIT MICROCONTROLLER
Z8631804SEC ZILOG-Z8631804SEC Datasheet
265Kb / 26P
Z8 MCU 8-BIT MICROCONTROLLER
More results

Similar Description - Z86319

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
93Kb / 8P
WIN2000 3D PS/2 Mouse Controller
February 22, 2000
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8050 EMC-EKM8050 Datasheet
487Kb / 9P
USB & PS/2 Optical Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
USB & PS/2 Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com