Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86319 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86319
Description  PS/2 MOUSE CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86319 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86319 Datasheet HTML 1Page - Zilog, Inc. Z86319 Datasheet HTML 2Page - Zilog, Inc. Z86319 Datasheet HTML 3Page - Zilog, Inc. Z86319 Datasheet HTML 4Page - Zilog, Inc. Z86319 Datasheet HTML 5Page - Zilog, Inc. Z86319 Datasheet HTML 6Page - Zilog, Inc. Z86319 Datasheet HTML 7Page - Zilog, Inc. Z86319 Datasheet HTML 8Page - Zilog, Inc. Z86319 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Z86319
PS/2 Mouse Controller
Zilog
4
P R E L I M I N A R Y
DS97KEY1605
PIN FUNCTIONS
RCIN.
A precision 1% resistor is connected to RCIN,
generating oscillation with an internal capacitor.
Resistor values and corresponding typical frequencies are
shown in Table 2 and graph chart (Figure 3).
Table 2. Resistor Values and Corresponding
Typical Frequencies
External Resistor
Average Frequency
14.0K
5.01 MHz
15.0K
4.70 MHz
16.0K
4.43 MHz
17.0K
4.19 MHz
18.0K
3.97 MHz
19.0K
3.78 MHz
20.0K
3.60 MHz
21.0K
3.44 MHz
22.0K
3.30 MHz
23.0K
3.16 MHz
Figure 3. Z86319 RC Frequency in Function of the External Resistance
(typical numbers)
0
1
2
3
4
5
6
14
15
16
17
18
19
20
21
22
23
RESISTOR VALUE (K OHMS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com