Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR02X472_FHL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR02X472_FHL
Description  Thick Film General purpose chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR02X472_FHL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  WR02X472_FHL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Approval sheet
Page 5 of 7
ASC_WR02X_V18
MAY - 2016
CATALOGUE NUMBERS
The resistors have a catalogue number starting with :
WR02
X
472_
J
A
L
Size code
WR02
: 0201
Type code
X : Normal
W : 1% For <10
Ω and
>1M
Resistance code
5%, E24: 2 significant digits
followed by no. of
zeros and a blank
4.7
= 4R7_
100
= 101_
10K
Ω = 103_
1%, E24+E96: 3 significant
digits followed by no.
of zeros
100
=1000
37.4K
=3742
Tolerance
J :
±5%
F :
±1%
P : Jumper
Packaging code
A
: 7” Reeled taping
(15Kpcs/Reel)
T
: 7” Reeled taping
(10Kpcs/Reel)
D
: 7” Reeled taping
(20Kpcs/Reel)
H : 13” Reeled taping
(50Kpcs/Reel)
G : 13” Reeled taping
(70Kpcs/Reel)
Termination code
L = Sn base (lead
free)
TEST CONDITION FOR JUMPER (0
Ω)
Item
WR02
Power Rating At 70
°C
1/20W
Resistance
MAX.50m
Rated Current
1A
Peak Current within 5 sec
2.5A
Operating Temperature
-55 ~ +125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com