Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR02X472_FHL Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR02X472_FHL
Description  Thick Film General purpose chip resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR02X472_FHL Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

  WR02X472_FHL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR02X472_FHL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Approval sheet
Page 6 of 7
ASC_WR02X_V18
MAY - 2016
TEST AND REQUIREMENTS (JIS C 5201-1 : 1998)
REQUIREMENT
TEST
PROCEDURE / TEST METHOD
Resistor
0
Electrical Characteristics
JISC5201-1: 1998
Clause 4.8
- DC resistance values measurement
- Temperature Coefficient of Resistance (T.C.R)
Natural
resistance
change
per
change
in
degree
centigrade.
(
)
6
1
2
1
1
2
10
×
t
t
R
R
R
(ppm/
°C) t1 : 20°C+5°C-1°C
R1 : Resistance at reference temperature (20°C+5°C/-
1°C)
R2 : Resistance at test temperature (-55°C or +125°C)
Within the specified tolerance
Refer to “QUICK
REFERENCE DATA”
<50m
Short time overload
(S.T.O.L)
Clause 4.13
Permanent
resistance
change
after
a
5second
application of a voltage 2.5 times RCWV or the maximum
overload voltage specified in the above list, whichever is
less.
∆R/R max. ±(2%+0.10Ω)
<50m
Resistance to soldering
heat(R.S.H)
Clause 4.18
Un-mounted chips completely immersed for 10±1second
in a SAC solder bath at 260℃±5ºC
ΔR/R max. ±(1%+0.05Ω)
no visible damage
<50m
Solderability
Clause 4.17
Un-mounted chips completely immersed for 2±0.8second
in a SAC solder bath at 235℃±5℃
95% coverage min., good tinning and no
visible damage
Temperature cycling
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-1°C,
30 minutes at +125
°C±3°C, 2~3 minutes at 20°C+5°C-
1°C, total 5 continuous cycles
∆R/R max. ±(1%+0.05Ω)
< 50m
Damp Heat
(Load life in humidity)
Clause 4.24
1000 +48/-0 hours, loaded with RCWV or Vmax in
humidity chamber controller at 40
°C±2°C and 90~95%
relative humidity, 1.5hours on and 0.5 hours off
10
Ω≤R<1MΩ :
∆R/R max. ±(3%+0.10Ω)
R<10
Ω, R≥1MΩ :
∆R/R max. ±(5%+0.10Ω)
< 50m
Load Life (Endurance)
Clause 4.25
1000+48/-0 hours; loaded with RCWV or Vmax in chamber
controller 70±2ºC, 1.5 hours on and 0.5 hours off
Ditto.
Bending strength
Clause 4.33
Resistors mounted on a 90mm glass epoxy resin
PCB(FR4), bending once 5mm for 10sec.
No visual damaged,
∆R/R max. ±(1%+0.05Ω)
< 50m
Adhesion
Clause 4.32
Pressurizing force: 3N, Test time: 10±1sec.
No remarkable damage or removal of the
terminations



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com