Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR20W100_FGL Datasheet(PDF) 4 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_FGL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_FGL Datasheet(HTML) 4 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_FGL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Approval sheet
Page 4 of 7
WR18-20-25X(W)_V17
DEC - 2016
MARKING
Each resistor is marked with a four-digit code on the protective coating to designate the nominal resistance
value.
Example:
1R00 =
1
1001
=
1000
0000 =
0
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E96 & E24 series for resistors with a tolerance of
5% & 1%. The values of the E24/E96 series are in accordance with “IEC publication 60063”.
Derating curve
The power that the resistor can dissipate depends on the operating temperature; see Fig.3
Figure 3. Maximum dissipation in percentage of rated power
as a function of the ambient temperature.
MOUNTING
Due to their rectangular shapes and small tolerances, Surface Mountable Resistors are suitable for handling by
automatic placement systems.
Chip placement can be on ceramic substrates and printed-circuit boards (PCBs).
Electrical connection to the circuit is by individual soldering condition.
The end terminations guarantee a reliable contact.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com