Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR20W100_FGL Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # WR20W100_FGL
Description  Thick Film Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR20W100_FGL Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  WR20W100_FGL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR20W100_FGL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Approval sheet
Page 3 of 7
WR18-20-25X(W)_V17
DEC - 2016
QUICK REFERENCE DATA
Item
General Specification
Series No.
WR18X(W)
WR20X(W)
WR25X(W)
Size code
1218(3248)
2010 ( 5025 ),
2512(6432)
Resistance Tolerance
5% (E24); 1% (E24+E96)
Resistance Range
1
 ~ 10M, Jumper (0)
TCR (ppm/
C) : 10< Rn  10M
1
 Rn  10
 100 ppm/C
 100 ppm/C
 100 ppm/C
 200 ppm/C
 200 ppm/C
 200 ppm/C
Max. dissipation at Tamb=70C
1W
0.75 W
1W
Max. Operation Voltage (DC or RMS)
200V
200V
250V
Max. Overload Voltage (DC or RMS)
400V
400V
500V
Operation temperature
-55 ~ +155
’C
Storage temperature
5 ~ 40
’C
Test conditions for jumper ( 0 ohm )
Type
WR18X(W)
WR20X(W)
WR25X(W)
Power Rating At 70C
1 W
3/4 W
1 W
Resistance
Max. 50mR
Max. 50mR
Max. 50mR
Rated Current
4.5 A
3.8 A
4.5 A
Peak Current
11 A
9 A
11 A
Operating Temperature
-55C ~ 155C
-55C ~ 155C
-55C ~ 155C
Note :
1.
This is the maximum voltage that may be continuous
ly supplied to the resistor element, see “IEC publication
60115-
8”
2.
Max. Operation Voltage : So called RCWV (Rated Continuous Working Voltage) is determined by
Value
Resistance
Power
Rated
RCWV
or Max. RCWV listed above, whichever is lower.
3.
Max. Operation Current : So called RCWC (Rated Continuous Working Current) is determined by
4.
Value
Resistance
/
Power
Rated
RCWC 
MECHANICAL DATA (unit : mm)
TYPE
WR18
WR20
WR25
L
3.05
0.15
5.00
0.20
6.40
0.20
W
4.60
0.20
2.50
0.20
3.20
0.20
T
0.55
0.10
0.55
0.10
0.60
0.10
Tt
0.45
0.25
0.65
0.25
0.65
0.25
Tb
0.50
0.25
0.60
0.25
0.90
0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com