Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFASWA141ATF09 Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # RFASWA141ATF09
Description  Any 2G/3G/4G Band for TRx System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

RFASWA141ATF09 Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  RFASWA141ATF09 Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION RFASWA141ATF09 Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Preliminary Product Information
Page 3 of 9
ASC_RFASWA141ATF09_V02
Nov. 2017
Application Circuit
RFC
RF1
VCTL
EN
VDD
C3
C2
C1
7
8
5
4
3
6
9
2
RF2
1
Parts List
Parts No.
Value
C1
100 F
C2-C3
No placement, do not populate
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
RFx Input Power, 50
Ω
Pin
+41
dBm
DC Supply Voltage
VDD
+5.2
V
DC Control Voltage
VCTL
+3.0
V
Enable Voltage
EN
+5.2
V
Max differential RF voltage between the RF ports VRF
VP
40
V
Storage temperature
TSTG
-55
+150
°C
Operating temperature
TOP
-30
+85
°C
HBM ESD Voltage, All Pins
VESD
1
-
+2000
V
Note 1:Human Body Model ESD Voltage
Exceeding absolute maximum ratings may cause permanent damage. Operation between operating range maximum and absolute
maximum for extended periods may reduce reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com