Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9883 Datasheet(PDF) 5 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 5 Page - Intel Corporation

  9883 Datasheet HTML 1Page - Intel Corporation 9883 Datasheet HTML 2Page - Intel Corporation 9883 Datasheet HTML 3Page - Intel Corporation 9883 Datasheet HTML 4Page - Intel Corporation 9883 Datasheet HTML 5Page - Intel Corporation 9883 Datasheet HTML 6Page - Intel Corporation 9883 Datasheet HTML 7Page - Intel Corporation 9883 Datasheet HTML 8Page - Intel Corporation 9883 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Datasheet
5
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Contents
Tables
1
MII #1 Signal Descriptions ............................................................................................................ 9
2
MII #2 Signal Descriptions .......................................................................................................... 10
3
Inter-Repeater Backplane Signal Descriptions ........................................................................... 11
4
Twisted-Pair Port Signal Descriptions ........................................................................................ 13
5
LED Signal Descriptions ............................................................................................................. 14
6
Power Supply and Indication Signal Descriptions ...................................................................... 15
7
Miscellaneous Signal Descriptions ............................................................................................. 16
8
Serial LED Port Bit Stream ......................................................................................................... 23
9
ACTGLED Display Modes ..........................................................................................................24
10
LED Terms.................................................................................................................................. 24
11
LED Mode 1 Indications.............................................................................................................. 25
12
LED Mode 2 Indications.............................................................................................................. 26
13
LED Mode 3 Indications.............................................................................................................. 27
14
LED Mode 4 Indications.............................................................................................................. 28
15
Cascading and Stacking Connections ........................................................................................ 30
16
IRB Signal Details....................................................................................................................... 31
17
LXT98x3 Magnetics Specifications............................................................................................. 36
18
Oscillator Manufacturers............................................................................................................. 37
19
Absolute Maximum Ratings ........................................................................................................ 44
20
Operating Conditions .................................................................................................................. 44
21
Input System Clock1 Requirements ........................................................................................... 44
22
I/O Electrical Characteristics....................................................................................................... 45
23
100 Mbps IRB Electrical Characteristics..................................................................................... 45
24
10 Mbps IRB Electrical Characteristics....................................................................................... 46
25
100BASE-TX Transceiver Electrical Characteristics ................................................................. 47
26
10BASE-T Transceiver Electrical Characteristics...................................................................... 47
27
100 Mbps TP Port-to-Port Delay Timing Parameters ................................................................. 48
28
100BASE-TX MII-to-TP Port Timing Parameters ....................................................................... 49
29
100BASE-TX TP-to-MII Timing Parameters ............................................................................... 50
30
10BASE-T MII-to-TP Timing Parameters ................................................................................... 51
31
10BASE-T TP-to-MII Port Timing Parameters............................................................................ 52
32
100 Mbps TP-to-IRB Timing Parameters1.................................................................................. 53
33
10 Mbps TP-to-IRB Timing Parameters1.................................................................................... 54
34
10 Mbps IRB-to TP Port Timing Parameters .............................................................................. 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com