Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTL02GOR020JTL Datasheet(PDF) 5 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02GOR020JTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02GOR020JTL Datasheet(HTML) 5 Page - WALSIN TECHNOLOGY CORPORATION

  TTL02GOR020JTL Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Marking
0201/0402(No Marking)
0603/0805(3 digits)
020=20m
1206/2010/2512(4 digits)
R020=20m
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the E96 & E24 series for resistors with a tolerance of
r5.0%,r1.0%. The values of the E24/E96 series are in accordance with “IEC publication 60063”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com