Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTL02GOR020JTL Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

Part # TTL02GOR020JTL
Description  High Power Thin Film Current Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

TTL02GOR020JTL Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button TTL02GOR020JTL Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION TTL02GOR020JTL Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Moisture Resistance
MIL-STD-202G-
method 106
Each temperature / humidity cycle is defined at 8 hours
(method 106F), 3 cycles / 24 hours for 10d with 25 °C / 65
°C 95% R.H, without steps 7a & 7b, unpowered
Parts mounted on test-boards, without condensation on
parts
Measurement at 24± 2 hours after test conclusion
± (0.5%+0.0005 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com