Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5259 Datasheet(PDF) 4 Page - Nantong Hornby Electronic Co.,Ltd

Part # 1N5259
Description  SILICON ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

1N5259 Datasheet(HTML) 4 Page - Nantong Hornby Electronic Co.,Ltd

  1N5259 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 6Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N5221 THRU 1N5281
SILICON ZENER DIODES
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
VZ
IZT
RZT @ IZT
RZK @ IZK
IZK
IR
VR
V
mA
Omh (MAX)
Omh (MAX)
mA
uA (MAX)
V
1N5251
22
5.6
29
600
0.25
0.1
17
1N5252
24
5.2
33
600
0.25
0.1
18
1N5253
25
5.0
35
600
0.25
0.1
19
1N5254
27
4.6
41
600
0.25
0.1
21
1N5255
28
4.5
44
600
0.25
0.1
21
1N5256
30
4.2
49
600
0.25
0.1
23
1N5257
33
3.8
58
700
0.25
0.1
25
1N5258
36
3.4
70
700
0.25
0.1
27
1N5259
39
3.2
80
800
0.25
0.1
30
1N5260
43
3.0
93
900
0.25
0.1
33
1N5261
47
2.7
105
1000
0.25
0.1
36
1N5262
51
2.5
125
1100
0.25
0.1
39
1N5263
56
2.2
150
1300
0.25
0.1
43
1N5264
60
2.1
170
1400
0.25
0.1
46
1N5265
62
2.0
185
1400
0.25
0.1
47
1N5266
68
1.8
230
1600
0.25
0.1
52
1N5267
75
1.7
270
1700
0.25
0.1
56
1N5268
82
1.5
330
2000
0.25
0.1
62
1N5269
87
1.4
370
2200
0.25
0.1
68
1N5270
91
1.4
400
2300
0.25
0.1
69
1N5271
100
1.3
500
-
-
0.1
75
1N5272
110
1.2
700
-
-
0.1
83
1N5273
120
1.0
950
-
-
0.1
90
1N5274
130
0.95
1100
-
-
0.1
98
1N5275
140
0.90
1300
-
-
0.1
105
1N5276
150
0.85
1500
-
-
0.1
113
1N5277
160
0.80
1700
-
-
0.1
120
1N5278
170
0.74
1900
-
-
0.1
127
1N5279
180
0.68
2200
-
-
0.1
135
1N5280
190
0.66
2400
-
-
0.1
142
1N5281
200
0.65
2500
-
-
0.1
150
NOTES:
1- Based on dc-measurement at thermal equilibrium; lead length = 9.5 (3/8 "); thermal resistance of heat sink = 30 K/W
Type
Zener Voltage Range (Note 1)
Maximum Zener Impedance (Note 1)
Reverse leakage Current
Temp. Coefficient
Of Zener Voltage
TKVZ @ IZT
%/℃ (MAX)
+0.120
+0.100
+0.100
+0.110
+0.110
+0.120
+0.110
+0.098
+0.099
+0.099
+0.100
+0.115
+0.115
+0.096
+0.096
+0.097
+0.097
+0.097
+0.098
+0.091
+0.092
+0.093
+0.094
+0.095
+0.095
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com