Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5259 Datasheet(PDF) 3 Page - Nantong Hornby Electronic Co.,Ltd

Part # 1N5259
Description  SILICON ZENER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HORNBY [Nantong Hornby Electronic Co.,Ltd]
Direct Link  http://www.hornby.com.cn
Logo HORNBY - Nantong Hornby Electronic Co.,Ltd

1N5259 Datasheet(HTML) 3 Page - Nantong Hornby Electronic Co.,Ltd

  1N5259 Datasheet HTML 1Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 2Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 3Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 4Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 5Page - Nantong Hornby Electronic Co.,Ltd 1N5259 Datasheet HTML 6Page - Nantong Hornby Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N5221 THRU 1N5281
SILICON ZENER DIODES
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
VZ
IZT
RZT @ IZT
RZK @ IZK
IZK
IR
VR
V
mA
Omh (MAX)
Omh (MAX)
mA
uA (MAX)
V
1N5221
2.4
20
30
1200
0.25
100
1.0
1N5222
2.5
20
30
1250
0.25
100
1.0
1N5223
2.7
20
30
1300
0.25
75
1.0
1N5224
2.8
20
30
1400
0.25
75
1.0
1N5225
3.0
20
29
1600
0.25
50
1.0
1N5226
3.3
20
28
1600
0.25
25
1.0
1N5227
3.6
20
24
1700
0.25
15
1.0
1N5228
3.9
20
23
1900
0.25
10
1.0
1N5229
4.3
20
22
2000
0.25
5
1.0
1N5230
4.7
20
19
1900
0.25
5
2.0
1N5231
5.1
20
17
1600
0.25
5
2.0
1N5232
5.6
20
11
1600
0.25
5
3.0
1N5233
6.0
20
7
1600
0.25
5
3.5
1N5234
6.2
20
7
1000
0.25
5
4.0
1N5235
6.8
20
5
750
0.25
3
5.0
1N5236
7.5
20
6
500
0.25
3
6.0
1N5237
8.2
20
8
500
0.25
3
6.5
1N5238
8.7
20
8
600
0.25
3
6.5
1N5239
9.1
20
10
600
0.25
3
7.0
1N5240
10
20
17
600
0.25
3
8.0
1N5241
11
20
22
600
0.25
2
8.4
1N5242
12
20
30
600
0.25
1
9.1
1N5243
13
9.5
13
600
0.25
0.5
9.9
1N5244
14
9.0
15
600
0.25
0.1
10
1N5245
15
8.5
16
600
0.25
0.1
11
1N5246
16
7.8
17
600
0.25
0.1
12
1N5247
17
7.4
19
600
0.25
0.1
13
1N5248
18
7.0
21
600
0.25
0.1
14
1N5249
19
6.6
23
600
0.25
0.1
14
1N5250
20
6.2
25
600
0.25
0.1
15
NOTES:
1- Based on dc-measurement at thermal equilibrium; lead length = 9.5 (3/8 "); thermal resistance of heat sink = 30 K/W
Type
Temp. Coefficient
Of Zener Voltage
TKVZ @ IZT
%/℃(MAX)
Zener Voltage Range (Note 1)
Maximum Zener Impedance (Note 1)
Reverse leakage Current
-0.075
-0.070
-0.065
-0.060
-0.085
-0.085
-0.080
-0.080
+0.038
+0.045
+0.050
+0.058
+0.055
+0.030
+0.030
+0.038
+0.075
+0.076
+0.077
+0.079
+0.062
+0.065
+0.068
+0.075
+0.085
+0.086
+0.082
+0.082
+0.083
+0.084



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com