Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS1329 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1329
Description  RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1329 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1329 Datasheet HTML 1Page - Advanced Power Technology MS1329 Datasheet HTML 2Page - Advanced Power Technology MS1329 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
053-7067 Rev - 10-2002
MS1329
ELECTRICAL SPE
ELECTRICAL SPE
ELECTRICAL SPE
ELECTRICAL SPECIFICATIONS (Tcase = 25
CIFICATIONS (Tcase = 25
CIFICATIONS (Tcase = 25
CIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
STATIC
STATIC
STATIC
STATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVces
IC = 200mA
VBE = 0 mA
65.0
---
---
V
BVceo
IC = 200 mA
IB = 0 mA
35.0
---
---
V
BVebo
IE = 10 mA
IC = 0 mA
4.0
---
---
V
Icbo
VCB = 30 V
IE = 0 mA
---
---
2.0
mA
HFE
VCE = 5.0V
IC = 500 mA
10
---
150
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 150 MHz
PIN = 12W
VCE = 28V
60.0
---
---
W
PG
f = 150 MHz
PIN = 12W
VCE = 28V
7.0
---
---
dB
COB
VCB = 28V
f = 1 MHz
---
---
80.0
pf
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
Ω)
Ω)
ZCL(
Ω)
Ω)
Ω)
Ω)
150 MHz
1.0 + j2.0
4.0 - j3.9
POUT = 60W
VCE = 28V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com