Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS1329 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1329
Description  RF & MICROWAVE TRANSISTORS VHF FM APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1329 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1329 Datasheet HTML 1Page - Advanced Power Technology MS1329 Datasheet HTML 2Page - Advanced Power Technology MS1329 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
053-7067 Rev - 10-2002
MS1329
RF & MICROWAVE TRANSISTORS
VHF FM APPLICATIONS
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS1629 is an epitaxial silicon NPN transistor designed
primarily for 12.5 V Class C, AM amplifier applications in the
118 – 136 MHz and 28 V Class C ground station transmitters.
Emitter ballast resistors and gold metalitzation provide
optimum VSWR capability.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector- Base Voltage
65.0
V
VCEO
Collector-Emitter Voltage
35.0
V
VEBO
Emitter-Base Voltage
4.0
V
PDISS
Power Dissipation
75.0
W
IC
Collector current
6.5
A
TJ
Junction Temperature
+200
°°°°C
TSTG
Storage Temperature
-65 to +150
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Thermal Resistance Junction-Case
2.3
°°°°C/W
Features
Features
Features
Features
• 150 MHz
• 28 VOLTS
• POUT = 60W
• GP = 7.0 dB MINIMUM
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1329

ManufacturerPart #DatasheetDescription
logo
ABB
MS132 ABB-MS132 Datasheet
1Mb / 8P
Manual motor starter MS132
MS132-0.16 ABB-MS132-0.16 Datasheet
1Mb / 8P
Manual motor starter MS132
MS132-0.25 ABB-MS132-0.25 Datasheet
1Mb / 8P
Manual motor starter MS132
MS132-0.4 ABB-MS132-0.4 Datasheet
1Mb / 8P
Manual motor starter MS132
MS132-0.63 ABB-MS132-0.63 Datasheet
1Mb / 8P
Manual motor starter MS132
More results

Similar Description - MS1329

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
logo
Advanced Power Technolo...
SD1013 ADPOW-SD1013 Datasheet
113Kb / 4P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
SD1018 ADPOW-SD1018 Datasheet
89Kb / 3P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1224-02 ADPOW-SD1224-02 Datasheet
177Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Microsemi Corporation
SD1018-06 MICROSEMI-SD1018-06 Datasheet
108Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF AND FM MOBILE APPLICATIONS
SD1224-02 MICROSEMI-SD1224-02 Datasheet
135Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF FM APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com