Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2696MXAX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2696MXAX
Description  3A, Constant On Time Buck Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2696MXAX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2696MXAX Datasheet HTML 6Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 7Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 8Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 9Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 10Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 11Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 12Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 13Page - National Semiconductor (TI) LM2696MXAX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application Information (Continued)
It can be seen that the average output voltage is higher than
the gained up reference by exactly half the output voltage
ripple. The output voltage may then be appended according
to the voltage ripple. The appended V
OUT term may be
expressed using the relationship:
One should note that for high output voltages (>5V), a load
of approximately 15 mA may be required for the output
voltage to reach the desired value.
INPUT CAPACITOR
Because PV
IN is the power rail from which the output voltage
is derived, the input capacitor is typically selected according
to the load current. In general, package size and ESR de-
termine the current capacity of a capacitor. If these criteria
are met, there should be enough capacitance to prevent
impedance interactions with the source. In general, it is
recommended to use a low ESR, high capacitance electro-
lytic and ceramic capacitor in parallel. Using two capacitors
in parallel ensures adequate capacitance and low ESR over
the operating range. The Sanyo MV-WX series electrolytic
capacitors and a ceramic capacitor with X5R or X7R dielec-
tric are an excellent combination. To calculate the input
capacitor RMS, one may use the following relationship:
that can be approximated by,
Typical values are 470 µF for the electrolytic capacitor and
0.1 µF for the ceramic capacitor.
AV
IN CAPACITOR
AV
IN is the analog bias rail of the device. It should be
bypassed externally with a small (1 µF) ceramic capacitor to
prevent unwanted noise from entering the device. In a shut-
down state the current needed by AV
IN will drop to approxi-
mately 12 µA, providing a low power sleep state.
In most cases of operation, AV
IN is connected to PVIN;
however, it is possible to have split rail operation where AV
IN
is at a higher voltage than PV
IN.AVIN should never be lower
than PV
IN. Splitting the rails allows the power conversion to
occur from a lower rail than the AV
IN operating range.
SOFT-START CAPACITOR
The SS capacitor is used to slowly ramp the reference from
0V to its final value of 1.25V (during shutdown this pin will be
discharged to 0V). This controlled startup ability eliminates
large in-rush currents in an attempt to charge up the output
capacitor. By changing the value of this capacitor, the dura-
tion of the startup may be changed accordingly. The startup
time may be calculated using the following relationship:
Where I
SS is the soft-start pin source current (1 µA typical)
that may be found in the electrical characteristics table.
While the C
SS capacitor can be sized to meet the startup
requirements, there are limitations to its size. If the capacitor
is too small, the soft-start will have little effect as the refer-
ence voltage is rising faster than the output capacitor can be
charged causing the part to go into current limit. Therefore a
minimum soft-start time should be taken into account. This
can be determined by:
20153431
FIGURE 2. Average and Ripple Output Voltages
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com