Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR09B565JB Datasheet(PDF) 60 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 60 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 56Page - Kemet Corporation CSR09B565JB Datasheet HTML 57Page - Kemet Corporation CSR09B565JB Datasheet HTML 58Page - Kemet Corporation CSR09B565JB Datasheet HTML 59Page - Kemet Corporation CSR09B565JB Datasheet HTML 60Page - Kemet Corporation CSR09B565JB Datasheet HTML 61Page - Kemet Corporation CSR09B565JB Datasheet HTML 62Page - Kemet Corporation CSR09B565JB Datasheet HTML 63Page - Kemet Corporation CSR09B565JB Datasheet HTML 64Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
CAPACITANCE
CASE
INDUSTRIAL PRODUCT
MILITARY PRODUCT
DC LEAKAGE
DISSIPATION FACTOR
µF
SIZE
T370
CXO6
T378
µA@25°C
%@25°C 120HZ
PART NO.
PART NO.
PART NO.
MAXIMUM
MAXIMUM
3 VOLT RATING AT 85°C—2.0 VOLT RATING AT 125°C
220.0
F
T370F227(1)003AS
CX06B227(2)
T378F227(3)003AS
9.0
15
4 VOLT RATING AT 85°C—2.7 VOLT RATING AT 125°C
15.0
C
T370C156(1)004AS
1.0
8
47.0
D
T370D476(1)004AS
CX06C476(2)
T378D476(3)004AS
2.0
8
68.0
E
T370E686(1)004AS
CX06C686(2)
T378E686(3)004AS
3.0
8
6 VOLT RATING AT 85°C—4.0 VOLT RATING AT 125°C
10.0
C
T370C106(1)006AS
1.0
6
33.0
D
T370D336(1)006AS
CX06D336(2)
T378D336(3)006AS
2.0
6
47.0
E
T370E476(1)006AS
CX06D476(2)
T378E476(3)006AS
3.0
6
150.0
F
T370F157(1)006AS
CX06D157(2)
T378F157(3)006AS
9.0
10
10 VOLT RATING AT 85°C—7.0 VOLT RATING AT 125°C
6.8
C
T370C685(1)010AS
1.0
6
22.0
D
T370D226(1)010AS
CX06F226(2)
T378D226(3)010AS
2.0
6
33.0
E
T370E336(1)010AS
CX06F336(2)
T378E336(3)010AS
3.0
6
100.0
F
T370F107(1)010AS
CX06F107(2)
T378F107(3)010AS
9.0
8
15 VOLT RATING AT 85°C—10 VOLT RATING AT 125°C
15.0
D
T370D156(1)015AS
CX06H156(2)
T378D156(3)015AS
2.0
6
22.0
E
T370E226(1)015AS
CX06H226(2)
T378E226(3)015AS
3.0
6
68.0
F
T370F686(1)015AS
CX06H686(2)
T378F686(3)015AS
9.0
8
20 VOLT RATING AT 85°C—13 VOLT RATING AT 125°C
3.3
C
T370C335(1)020AS
1.0
6
4.7
C
T370C475(1)020AS
1.0
6
10.0
D
T370D106(1)020AS
CX06J106(2)
T378D106(3)020AS
2.0
6
15.0
E
T370E156(1)020AS
CX06J156(2)
T378E156(3)020AS
3.0
6
47.0
F
T370F476(1)020AS
CX06J476(2)
T378F476(3)020AS
9.0
8
25 VOLT RATING AT 85°C—17 VOLT RATING AT 125°C
2.2
C
T370C225(1)025AS
1.0
6
6.8
D
T370D685(1)025AS
CX06K685(2)
T378D685(3)025AS
2.0
6
10.0
E
T370E106(1)025AS
CX06K106(2)
T378E106(3)025AS
3.0
6
33.0
F
T370F336(1)025AS
CX06K336(2)
T378F336(3)025AS
9.0
6
35 VOLT RATING AT 85°C—23 VOLT RATING AT 125°C
0.68
C
T370C684(1)035AS
1.0
6
1.0
C
T370C105(1)035AS
1.0
6
1.5
C
T370C155(1)035AS
1.0
6
2.2
D
T370D225(1)035AS
CX06M225(2)
T378D225(3)035AS
2.0
6
3.3
D
T370D335(1)035AS
CX06M335(2)
T378D335(3)035AS
2.0
6
4.7
D
T370D475(1)035AS
CX06M475(2)
T378D475(3)035AS
2.0
6
6.8
E
T370E685(1)035AS
CX06M685(2)
T378E685(3)035AS
3.0
6
10.0
F
T370F106(1)035AS
CX06M106(2)
T378F106(3)035AS
9.0
6
15.0
F
T370F156(1)035AS
CX06M156(2)
T378F156(3)035AS
9.0
6
22.0
F
T370F226(1)035AS
CX06M226(2)
T378F226(3)035AS
9.0
6
®
KEMET
TANTALUM MOLDED / RADIAL — MIL-C-49137/6
T370/T378 (CX06) SERIES
60
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
RATINGS & PART NUMBER REFERENCE
(1) To complete KEMET part number, insert capacitance tolerance symbol as follows: L = ±40%, –20%; M = ±20%; K = ±10%; J = ±5%.
(2) To complete military part number, insert capacitance tolerance symbol as follows: M = ±20%; K = ±10%.
(3) To complete KEMET part number, insert cpapacitance tolerance symbol as follows: M = ±20%; K = ±10%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com