Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR09B565JB Datasheet(PDF) 62 Page - Kemet Corporation

Part # CSR09B565JB
Description  TANTALUM HERMETICALLY SEALED / AXIAL
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CSR09B565JB Datasheet(HTML) 62 Page - Kemet Corporation

Back Button CSR09B565JB Datasheet HTML 58Page - Kemet Corporation CSR09B565JB Datasheet HTML 59Page - Kemet Corporation CSR09B565JB Datasheet HTML 60Page - Kemet Corporation CSR09B565JB Datasheet HTML 61Page - Kemet Corporation CSR09B565JB Datasheet HTML 62Page - Kemet Corporation CSR09B565JB Datasheet HTML 63Page - Kemet Corporation CSR09B565JB Datasheet HTML 64Page - Kemet Corporation CSR09B565JB Datasheet HTML 65Page - Kemet Corporation CSR09B565JB Datasheet HTML 66Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
®
KEMET
TANTALUM DIPPED / RADIAL - POLAR
T350, T351, T352, T353, T354, T355 & T356 SERIES “ULTRADIP II”
62
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
The KEMET ‘UltraDip II’ Capacitors offer the designer of quality
instruments and entertainment systems the widely recognized
advantages inherent in solid tantalum capacitors at competitive
prices.
The ‘UltraDip II’ Series, miniature dipped solid tantalum capacitors,
provide the designer with the advantage of compactness plus low
leakage and low DF performance characteristics for filtering,
bypassing, coupling, blocking and RC timing circuits. This series fea-
tures a capacitance range from 0.1 to 680 microfarads at voltages
from 3 to 50 VDC. ‘UltraDip II’ capacitors utilize the same sophisti-
cated materials and processes which have advanced KEMET
Electronics Corporation to the leadership position in solid tantalum
capacitors.
The plastic case provides a tough barrier coating and maintains pre-
cision of lead wire spacing within ±0.015 inch. The gold color epoxy
utilized permits Laser marking with outstanding permanency and
legibility. All case sizes are printed with capacitance, voltage, polar-
ity and vendor identification.
Solid tantalum devices exhibit no degradation failure mode during
shelf storage and show a constantly decreasing failure rate (i.e.,
absence of wearout mechanism) during life tests.
The ‘UltraDip II’ Series provides self-insulating cases which are
resistant to shock and vibration. These capacitors exhibit low DCL,
ESR and Impedance and have excellent temperature stability.
CAPACITOR OUTLINE DRAWINGS
.50
±.05
Lead Spacing
See Note 2
Max.
D
Max.
D
H
Max.
**.02
(0.5)
.10
(2.54)
H
Max.
H
Max.
H
Max.
D
.02
(0.5)
.02
(0.5)
.02
(0.5)
.187
±.032
(4.75
±.81)
Max.
D
.187
±.032
(4.75
±.81)
.20
(5.08)
.20
(5.08)
.250
(6.35)
Max.
H
Max.
H
.187
±.032
(4.75
±.81)
.250
±.025
(6.35
±.64)
Max.
D
Max.
D
Max.
D
Max.
H
.187
±.032
(4.75
±.81)
Max.
H
.187
±.032
(4.75
±.81)
Max.
H
.187
±.032
(4.75
±.81)
.125
(3.18)
.20
(5.08)
*Lead Tolerance =
± .015 (± .38 mm)
** All Lead Diameters = .02
± .002 (0.5 ± .05 mm)
T350
T351
T353
T354
T355
T356
T352
DIMENSIONS — INCHES (MILLIMETERS)
All
T350
T351
T352
T353
T354
T355
T356
Case
D
H(1)
H(1)
H(1)
H(1)
H(1)
H(1)
H(1)
Size
Max Diameter
Max Height
Max Height
Max Height
Max Height
Max Height
Max Height
Max Height
A
.175 (4.5)
.280 (7.1)
.380 (9.6)
.400 (10.2)
.400 (10.2)
.340 (8.6)
.340 (8.6)
.340 (8.6)
B
.175 (4.5)
.300 (7.6)
.390 (9.9)
.410 (10.4)
.410 (10.4)
.350 (8.9)
.350 (8.9)
.350 (8.9)
C
.196 (5.0)
.330 (8.4)
.420 (10.7)
.440 (11.2)
.440 (11.2)
.380 (9.6)
.380 (9.6)
.380 (9.6)
D
.196 (5.0)
.340 (8.6)
.430 (10.9)
.450 (11.4)
.450 (11.4)
.390 (9.9)
.390 (9.9)
.390 (9.9)
E
.216 (5.5)
.350 (8.9)
.440 (11.2)
.460 (11.7)
.460 (11.7)
.400 (10.2)
.400 (10.2)
.400 (10.2)
F
.236 (6.0)
.390 (9.9)
.480 (12.2)
.500 (12.7)
.500 (12.7)
.440 (11.2)
.440 (11.2)
.440 (11.2)
G
.250 (6.3)
.400 (10.2)
.490 (12.4)
.510 (13.0)
.510 (13.0)
.450 (11.4)
.450 (11.4)
.450 (11.4)
H
.300 (7.6)
.400 (10.2)
.500 (12.7)
.520 (13.2)
.520 (13.2)
.470 (11.9)
.470 (11.9)
.470 (11.9)
J(2)
.330 (8.4)
.500 (12.7)
.580 (14.7)
.550 (14.0)
.550 (14.0)
K(2)
.350 (8.9)
.530 (13.5)
.630 (16.0)
.610 (15.5)
.610 (15.5)
L(2)
.350 (8.9)
.630 (16.0)
Note 3
Note 3
.730 (18.5)
.710 (18.1)
Note 3
.710 (18.1)
M(2)
.400 (10.2)
.670 (17.0)
.760 (19.3)
.740 (18.8)
.740 (18.8)
NOTES: (1) All “H” Dimensions are from Capacitor seating plane to top of Capacitor.
(2) On T350 Series, case sizes A-H are supplied with .100”(2.54) lead spacing—case sizes J-M are supplied with .200”(5.08) lead spacing.
(3) These case sizes are not available for T351, T352 & T355 capacitors.
LEAD CONFIGURATION & SPACING CHART
LEAD
SERIES
CASE
CONFIGURATION
T350
T351
T352
T353
T354
T355
T356
.100
X
X
.125
X
.200
X
X
X
.250
X
A-H
STRAIGHT LEAD
X
STAND OFF
X
X
X
X
X
SNAP-IN
X
.100
.125
.200
X
X
X
.250
X
J-M
STRAIGHT LEAD
X
STAND OFF
X
X
SNAP-IN
X
T350
T351
T353
T354
T355
T356
T352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com