Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLB92 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # WLB92
Description  WLB92 Industrial LED Light Bar (AC Conduit)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB92 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  WLB92 Datasheet HTML 1Page - Banner Engineering Corp. WLB92 Datasheet HTML 2Page - Banner Engineering Corp. WLB92 Datasheet HTML 3Page - Banner Engineering Corp. WLB92 Datasheet HTML 4Page - Banner Engineering Corp. WLB92 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
Banner's WLB92 is a very bright LED fixture/luminaire that features an even light output for a no glare glow. The WLB92 series is designed for a wide
variety of environments and applications, including but not limited to work stations, machine lighting, and low bay lighting. The WLB92 uses
advanced LED lighting technology to provide a high-quality and maintenance free industrial lighting solution.
•
Increase worker productivity and ergonomics with bright, high-quality, uniform light
•
Exceptionally energy efficient for overall cost savings
•
Durable light with a rugged metal housing and shatter-resistant window
•
Easy installation with surface mount brackets or choice of snap, swivel, or hanging brackets
•
Intensity can be controlled from 10% to 100% using a compatible dimmer
•
Rated for use at 100 V ac to 277 V ac
WLB92 Industrial LED Light Bar, AC conduit versions, are continuous run models that come with 1/2-inch conduit knockouts on the side and back of
both end caps that allow for lights to be cascaded or "daisy-chained" for a continuous length of light. All conduit models are compatible with select
dimming units (see Accessories). WLB92 (AC) Daylight White and Warm White models come with a five year, limited warranty.
To view or download the latest technical information about this product, including specifications, dimensions, accessories, and wiring, see
www.bannerengineering.com.
Important: Lea el siguiente instructivo antes de operar el luminario. Por favor descargue desde www.bannerengineering.com
toda la documentación técnica de los WLB92 Industrial LED Light Bar (AC Conduit), disponibles en múltiples idiomas, para
detalles del uso adecuado, aplicaciones, advertencias, y las instrucciones de instalación de estos dispositivos.
Important: Lisez les instructions suivantes avant d'utiliser le luminaire. Veuillez télécharger la documentation technique
complète des WLB92 Industrial LED Light Bar (AC Conduit) sur notre site www.bannerengineering.com pour les détails sur leur
utilisation correcte, les applications, les notes de sécurité et les instructions de montage.
Models
Connector
CT = Conduit Entry
CT
C = Cascadable
Cascadable
C
550
1100
Lighted
Length (mm)
550
A = 0-10 V Analog
Dimming
Control
A
Z = AC
Voltage
Z
Family
WLB92
Blank = Daylight White
WW = Warm White
G = Green
R = Red
Y = Yellow
B = Blue
LED Color
Installing the WLB92 Industrial LED Light Bar (AC Conduit Models)
Figure 1. Mounting the luminaire to the surface mount brackets
WARNING: Risk of Electric Shock
•
Disconnect or turn off power before installing,
removing, or servicing luminaire.
•
Luminaire must be installed and connected in
accordance with the National Electrical Code (NEC)
and any applicable local code requirements.
•
Luminaire must be supplied with a 120–277 V ac
50/60 Hz fuse box or circuit breaker
To mount the WLB92 Industrial LED Light Bar, follow these steps.
WLB92 Industrial LED Light Bar (AC Conduit)
Original Document
183985 Rev. I
22 August 2019
183985


Similar Part No. - WLB92

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
WLB92 BANNER-WLB92 Datasheet
354Kb / 3P
Hanging Bracket Kit
WLB92 BANNER-WLB92 Datasheet
503Kb / 6P
WLB92 Industrial LED Light Bar (AC Quick Disconnect)
WLB92XB110PBQ BANNER-WLB92XB110PBQ Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
WLB92XB110PWMQ BANNER-WLB92XB110PWMQ Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
WLB92XB550PBQ BANNER-WLB92XB550PBQ Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
More results

Similar Description - WLB92

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z1715 BETLUX-BL-AR1Z1715 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
LED LIGHT BAR
REV NO: V.2
logo
LUMEX INC.
SSP-LB24MW024K10 LUMEX-SSP-LB24MW024K10 Datasheet
475Kb / 2P
LED LIGHT BAR
logo
Rohm
LBF7130-A0NRA ROHM-LBF7130-A0NRA Datasheet
178Kb / 4P
LED Light Bar
logo
Banner Engineering Corp...
WLB32 BANNER-WLB32 Datasheet
722Kb / 9P
WLB32 Industrial LED Light Bar (DC)
WLB32 BANNER-WLB32_V01 Datasheet
2Mb / 8P
WLB32 Industrial LED Light Bar (AC)
WLB72B BANNER-WLB72B Datasheet
634Kb / 6P
WLB72B Industrial LED Light Bar (AC)
WLB92 BANNER-WLB92_V01 Datasheet
503Kb / 6P
WLB92 Industrial LED Light Bar (AC Quick Disconnect)
WLB92 BANNER-WLB92_V02 Datasheet
501Kb / 5P
WLB92 Industrial LED Light Bar (DC)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com