Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLB92 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # WLB92
Description  WLB92 Industrial LED Light Bar (AC Conduit)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

WLB92 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  WLB92 Datasheet HTML 1Page - Banner Engineering Corp. WLB92 Datasheet HTML 2Page - Banner Engineering Corp. WLB92 Datasheet HTML 3Page - Banner Engineering Corp. WLB92 Datasheet HTML 4Page - Banner Engineering Corp. WLB92 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1. Remove luminaire from packaging and inspect for damage before installing.
2. Locate the supplied surface mount brackets. (For suspended installation, refer to the separate hanging bracket kit and instructions.)
3. Insert the screws into the bracket and then screw on the t-nuts. Attach bracket assembly to luminaire housing as shown. Fully tighten the
screws to lock in place.
4. Place the light in the mounting location and mark the positions of the bracket mounting holes.
5. Drill the holes and use the appropriate screws to secure the luminaire to the mounting location.
CAUTION: To Reduce the Risk of Fire. Do not install the 550 mm models in a compartment smaller than 305 mm by 305 mm
by 675 mm. Do not install the 1100 mm models in a compartment smaller than 305 mm by 305 mm by 1350 mm.
Wiring the WLB92 Industrial LED Light Bar
Follow these steps to wire your WLB92 Industrial LED Light Bar AC Conduit models.
Pull latch out
to release or
insert wire
Remove
access cap
1/2” Trade Size Knockouts
Wiring Chamber
1. Loosen the screws to remove the access cap from the wiring chamber.
2. Connect the power.
•
To connect the power from the back of the luminaire, remove the knockout from the back of the access cap and install either 1/2-inch
conduit or an AC power cord with strain relief.
•
To connect the power from the side of the luminaire: remove the knockout from the side of the access cap and install either 1/2-inch
conduit or an AC power cord with strain relief on the luminaire wires.
•
If using rigid conduit, the conduit hub/connector must be approved for use in dry or damp locations and must be connected to the
conduit before the hub/connector is connected to the luminaire.
3. Pull the luminaire wires out of the wiring chamber, then pull the field wires through the knockouts and out of the wiring chamber.
4. Lift the latch a full 90° on the unused terminal block locations and make the following electrical connections:
a)
Connect the green/yellow luminaire wire to the AC ground power wire
b)
Connect the white luminaire wire to the AC neutral power wire
c)
Connect the black luminaire wire to the AC line power wire
d)
If using 0–10 V analog dimming, connect the purple luminaire wire to the positive dimming wire
e)
If using 0–10 V analog dimming, connect the gray luminaire wire to the negative dimming wire
5. Close the latches on each terminal block when you have finished wiring, and push all wires back into the wiring chamber.
6. Re-attach the access cap to the wiring chamber.
7. Repeat steps 1 through 5 on other end of the luminaire if you are connecting to more than one luminaire in a continuous run.
Wiring Diagram
Diagram
Wire
Connection
N
L
Dim (+)
Dim (-)
N
L
Dim (+)
Dim (-)
L - Black
Line/Hot
N - White
Neutral
- Green/Yellow
Earth ground
Dim (+) - Purple
0–10 V dc analog dimming
Dim (-) - Gray
Return analog dimming
WLB92 Industrial LED Light Bar (AC Conduit)
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 183985 Rev. I



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com